Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4560EPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4560EPE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4560EPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4560EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 9Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 10Page - Maxim Integrated Products MAX4560EPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
_______________________________________________________________________________________
7
0
40
20
80
60
100
120
160
140
180
-5
-3
-2
-1
-4
012345
ON-RESISTANCE vs. VX, VY, VZ
(DUAL SUPPLIES)
VX, VY, VZ (V)
VCC = +2V
VEE = -2V
VCC = +3V
VEE = -3V
VCC = +5V
VEE = -5V
0
120
60
240
180
300
360
420
480
0
1.0 1.5 2.0
0.5
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. VX, VY, VZ
(SINGLE SUPPLY)
VX, VY, VZ (V)
VCC = +2V
VCC = +2.7V
VCC = +3.3V
VCC = +5V
VEE = 0
ON-RESISTANCE vs. VX, VY, VZ AND
TEMPERATURE (DUAL SUPPLIES)
TA = +85°C
TA = +70°C
VCC = +5V
VEE = -5V
TA = +25°C
TA = -40°C
TA = 0°C
40
60
50
80
70
100
90
110
130
120
140
-5
-3
-2
-1
-4
012345
VX, VY, VZ (V)
40
70
60
50
100
90
80
120
110
130
160
150
140
170
0
1.0 1.5 2.0
0.5
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. VX, VY, VZ AND
TEMPERATURE (SINGLE SUPPLY)
VX, VY, VZ (V)
VCC = +5V
VEE = 0
TA = +85°C
TA = +25°C
TA = -40°C
TA = +70°C
TA = 0°C
10
0.0001
-50
-10
-30
30
50
70
100
90
POWER-SUPPLY CURRENT
vs. TEMPERATURE
0.001
0.01
0.1
1
TEMPERATURE (°C)
10
IEE
ICC
VA, VB, VC, VENABLE = 0.5V
VCC = +5V
VEE = -5V
1000
0.01
-50
-20 -5
-35
25
55 70
100
85
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
0.1
1
10
100
TEMPERATURE (°C)
10
40
ON_LEAKAGE IX, IY, IZ
OFF_LEAKAGE IX, IY, IZ
OFF_LEAKAGE IX_, IY_, IZ_
VCC = +5V
VEE = -5V
-10
-6
-4
-8
0
-2
2
4
10
8
6
12
-5
-3
-2
-1
-4
012345
CHARGE INJECTION vs.
VX, VY, VZ
VX, VY, VZ (V)
VCC = +5V
VEE = -5V
VCC = +3V
VEE = 0
VCC = +5V
VEE = 0
0
40
20
80
60
120
100
140
180
160
200
-60
-20
0
-40
20
40
60
80
100
SCR HOLDING CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
IH+
IH-
30
50
90
70
110
130
150
170
±2.0
±3.0 ±3.5
±2.5
±4.0 ±4.5 ±5.0 ±5.5 ±6.0
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (VCC, VEE)
tON
tOFF
Typical Operating Characteristics
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4560EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4561 MAXIM-MAX4561 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561EUT+T MAXIM-MAX4561EUT+T Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561EUT-T MAXIM-MAX4561EUT-T Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
More results

Similar Description - MAX4560EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com