Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4591CSE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4591CSE
Description  High-Speed, Single-Supply, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4591CSE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4591CSE Datasheet HTML 1Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 2Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 3Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 4Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 5Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4591CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High-Speed, Single-Supply,
Quad, SPST Analog Switches
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
__________________________________________Typical Operating Characteristics
(V- = GND = 0, IN_ = 0 or V+, TA = +25°C, unless otherwise noted.)
20
15
10
5
0
0
5.0
2.5
7.5
10.0
12.5
15.0
RON vs. VCOM
VCOM (V)
V+ = 15V
V+ = 12V
0
10
30
20
40
50
04
26
8
10
12
RON vs. VCOM AND TEMPERATURE
(V+ = 12V)
VCOM (V)
TA = +85°C
TA = +25°C
TA = +125°C
TA = -55°C
40
30
20
10
0
0
5.0
2.5
7.5
10.0
12.5
15.0
RON vs. VCOM AND TEMPERATURE
(V+ = 15V)
VCOM (V)
TA = +25°C
TA = +125°C
TA = +85°C
TA = -55°C
0.0001
0.001
0.01
0.1
1
10
-75
5
25
-35 -15
-55
45 65 85 105 125
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
OFF
ON
V+ = 15V
0
20
10
40
30
60
50
70
-40
0
20
-20
40
60
80
TURN-ON/OFF TIME
vs. TEMPERATURE
TEMPERATURE (°C)
tON
V+ = 15V
tON
V+ = 12V
tOFF
V+ = 12V
tOFF
V+ = 15
-20
-10
-15
0
-5
10
5
15
25
20
30
-4
024
-2
6
8
10
14
12
16
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = 12V
V- = -3V
V+ = 12V
V- = 0
V+ = 15V
V- = 0
0.001
0.01
0.1
1
10
100
-60
20 40
-20
0
-40
60 80 100 120 140
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
V+ = 15V
V+ = 12V
0
10
30
20
50
60
40
70
04
6
2
8
10
12
14
16
TURN-ON/OFF TIME vs. VCOM
VCOM (V)
tON
V+ = 15V
tOFF
V+ = 12V
tOFF
V+ = 15V
tON
V+ = 12V


Similar Part No. - MAX4591CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX459 MAXIM-MAX459 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4590 MAXIM-MAX4590 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CAE MAXIM-MAX4590CAE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CAE MAXIM-MAX4590CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CPE MAXIM-MAX4590CPE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4591CSE

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751_04 Datasheet
1Mb / 17P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
ams AG
AS1741 AMSCO-AS1741_1 Datasheet
450Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com