Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4590EWE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4590EWE
Description  1.25?? Dual SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4590EWE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4590EWE Datasheet HTML 3Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 4Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 5Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 6Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 7Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 8Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 9Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 10Page - Maxim Integrated Products MAX4590EWE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1.25
, Dual SPST,
CMOS Analog Switches
_______________________________________________________________________________________
7
80
120
200
160
240
280
10
12
11
13 14 15 16 17 18 19 20
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
V+, V- (V)
VCOM = +10V
RL = 100Ω
CL = 35pF
tON
tOFF
V+ = +15V
V- = -15V
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
100
120
200
140
220
-10
-6
-8
-4
-2
02468
10
TURN-ON/TURN-OFF TIME vs. VCOM
VCOM (V)
160
180
tON
tOFF
V+ = +15V
V- = -15V
RL = 100Ω
CL = 35pF
Pin Description
NAME
FUNCTION
MAX4580
12
VL
Logic Supply Input
16, 9
NC1, NC2
Analog Switch Normally Closed Terminals
NO1
Analog Switch Normally Open Terminal
NC1
Analog Switch Normally Closed Terminal
NO1, NO2
Analog Switch Normally Open Terminals
MAX4590
12
16, 9
MAX4600
PIN
12
16
9
IN1, IN2
Logic-Control Digital Inputs
1, 3, 6, 8,
10, 15
N.C.
No connection. Not internally connected. Connect to GND or low-
impedance point to improve on/off-isolation.
1, 3, 6, 8,
10, 15
1, 3, 6, 8,
10, 15
2, 7
2, 7
2, 7
5
GND
Ground
5
5
4
V-
Negative Analog Supply Voltage Input. Connect to GND for single-
supply operation.
4
4
14, 11
COM1, COM2
Analog Switch Common Terminals
14, 11
14, 11
13
V+
Positive Analog Supply Input
13
13


Similar Part No. - MAX4590EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4590EWE MAXIM-MAX4590EWE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
More results

Similar Description - MAX4590EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com