Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4604 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4604
Description  5ohm, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4604 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4604 Datasheet HTML 2Page - Maxim Integrated Products MAX4604 Datasheet HTML 3Page - Maxim Integrated Products MAX4604 Datasheet HTML 4Page - Maxim Integrated Products MAX4604 Datasheet HTML 5Page - Maxim Integrated Products MAX4604 Datasheet HTML 6Page - Maxim Integrated Products MAX4604 Datasheet HTML 7Page - Maxim Integrated Products MAX4604 Datasheet HTML 8Page - Maxim Integrated Products MAX4604 Datasheet HTML 9Page - Maxim Integrated Products MAX4604 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5
, Quad, SPST, CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
2.0
3.0
2.5
4.0
3.5
5.0
4.5
5.5
6.5
6.0
7.0
-20
-10
-5
-15
0
5
10
15
20
ON-RESISTANCE
vs. VCOM (DUAL SUPPLIES)
VCOM (V)
V+, V- = ±5.0V
ICOM = 10mA
V+, V- = ±15.0V
V+, V- = ±20.0V
1.5
2.5
2.0
3.5
3.0
4.5
4.0
5.0
-15
-5
0
-10
5
10
15
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85°C
TA = +25°C
TA = -40°C
ICOM = 10mA
2
6
4
10
8
12
14
16
18
06
9
3
1215182124
ON-RESISTANCE
vs. VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = 5.0V
V+ = 12.0V
V+ = 24.0V
ICOM = 10mA
3.0
4.5
4.0
3.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
04
26
8
10
12
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +85°C
TA = +25°C
V+ = 12.0V
TA = -40°C
0
40
20
80
60
120
100
140
180
160
200
-10
-6
-4
-2
-8
024
8
610
TURN-ON/TURN-OFF TIME
vs. VCOM
VCOM (V)
tON
tOFF
RL = 100Ω
CL = 35pF
0.01
10k
10
1
0.1
100
1k
100k
-40
-10
5
20
-25
35
50
100
95
80
65
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
ON-LEAKAGE
OFF-LEAKAGE
V+ = +15V
V- = -15V
-250
-150
-200
-50
-100
50
0
100
-15
-5
0
-10
5
10
15
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = 12V
V- = 0
V+, V- = 15V
70
90
80
110
100
130
120
140
160
150
170
10
12 13 14
11
15 16 17
19
18
20
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
V+, V- (V)
tOFF
tON
VCOM = 10V
RL = 100Ω
CL= 35pF
80
90
120
110
100
130
140
160
150
170
tON
tOFF
-40
-20
0
20
40
60
80
100
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (°C)
VCOM = 10V
RL = 100Ω
CL = 35pF


Similar Part No. - MAX4604

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX460 MAXIM-MAX460 Datasheet
254Kb / 6P
   High Accuracy Fast Buffer
MAX4600 MAXIM-MAX4600 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CAE MAXIM-MAX4600CAE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4600CAE MAXIM-MAX4600CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CPE MAXIM-MAX4600CPE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4604

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com