Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1BSB Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK1BSB
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK1BSB Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK1BSB Datasheet HTML 1Page - Cystech Electonics Corp. SK1BSB Datasheet HTML 2Page - Cystech Electonics Corp. SK1BSB Datasheet HTML 3Page - Cystech Electonics Corp. SK1BSB Datasheet HTML 4Page - Cystech Electonics Corp. SK1BSB Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C752SB
Issued Date : 2012.09.20
Revised Date :
Page No. : 1/5
SK12SB thru SK1BSB
CYStek Product Specification
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SB thru SK1BSB
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0.
• Low leakage current.
• High surge capability.
• High temperature soldering: 250°C/10 seconds at terminals.
• Exceeds environmental standards of MIL-S-19500/228.
Mechanical Data
• Case: Molded plastic, JEDEC DO-214AA/SMB.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026.
• Polarity: Indicated by cathode band.
• Mounting position: Any.
• Weight: 0.093 gram.
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%. )
Type
Parameter
Symbol
SK12
SK13
SK14
SK15
SK16
SK18
SK1B
Units
Repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VR
20
30
40
50
60
80
100
V
Maximum instantaneous forward
Voltage @ IF=1A (Note 1)
VF
0.5
0.7
0.85
V
Maximum average forward
rectified current @ TL=100°C
IO
1
A
Peak forward surge current @
8.3ms, single half sine-wave
superimposed on rated load
(JEDEC method)
IFSM
30
A
Maximum DC reverse current at
Rated DC blocking
TJ=25°C
voltage
TJ=100°C
IR
0.5
10
mA
Typical thermal resistance,
junction to ambient
Rth, JA
40
°C/W
Typical diode junction
capacitance @ f=1MHz and
applied 4V reverse voltage
CJ
120
pF
Storage temperature
Tstg
-55 ~ +150
°C
Operating temperature
TJ
-55 ~ +125
°C


Similar Part No. - SK1BSB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA-0-T4-G CYSTEKEC-SK1BSA-0-T4-G Datasheet
235Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK1BSB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH CYSTEKEC-CSOD120LSH Datasheet
235Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD140SH CYSTEKEC-CSOD140SH Datasheet
196Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5817S2 CYSTEKEC-CSOD5817S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com