Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBL8IW35D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBL8IW35D
Description  5mm Round LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBL8IW35D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBL8IW35D Datasheet HTML 1Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 2Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 3Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 4Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 5Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 6Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 7Page - List of Unclassifed Manufacturers QBL8IW35D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
QBL8IW35D
5mm Round Lamp
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBL8IW35D
Date: 09/03/2015
Page 4 of 8
Version# 1.0
Electrical / Optical Characteristic (Ta=25
oC)
Product
Color
IF (mA)
VF (V)
CCT (K)
IV (mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBL8IW35D
White
20
3.0
3.5
-
9000
-
2800
4500
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
InGaN
120
30
100
5
-25 ~ +85
-40 ~ +100
*Duty 1/10 @ 1kHz
Forward Voltage VF for InGaN @ IF=20mA
Bin
Min.
Max.
Unit
H
2.7
2.9
V
J
2.9
3.1
K
3.1
3.3
M
3.3
3.5
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
22
2800
3700
mcd
23
3700
4900
24
4900
6300
25
6300
8200
26
8200
10600
27
10600
13800
Note:
Tolerance of measurement of forward voltage: ±0.1V
Tolerance of measurement of luminous intensity: ±15%


Similar Part No. - QBL8IW35D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBL8IW35D ETC2-QBL8IW35D Datasheet
540Kb / 6P
   5mm Round Lamp
More results

Similar Description - QBL8IW35D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com