Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBL912ZC-IR3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBL912ZC-IR3
Description  1.8mm Round Subminiature Z-Bend Lead IR LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBL912ZC-IR3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBL912ZC-IR3 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBL912ZC-IR3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
QBL912ZC-IR3
1.8mm Round Subminiature
“Z-Bend” Lead IR LEDs
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBL912ZC-IR3
Date: May 14, 2015
Page 2 of 9
Version# 1.0
Table of Contents:
Introduction ...........................................................................................................................................3
Electrical / Optical Characteristic (Ta=25
oC) ........................................................................................4
Absolute Maximum Rating ....................................................................................................................4
Characteristic Curves............................................................................................................................5
Solder Profile & Footprint ......................................................................................................................6
Packing .................................................................................................................................................7
Labeling ................................................................................................................................................8
Ordering Information .............................................................................................................................8
Revision History ....................................................................................................................................9
Disclaimer .............................................................................................................................................9


Similar Part No. - QBL912ZC-IR3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBL912ZC-IR2 ETC1-QBL912ZC-IR2 Datasheet
591Kb / 9P
   1.8mm Round Subminiature Z-Bend Lead IR LEDs
More results

Similar Description - QBL912ZC-IR3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBL912ZC-IR2 ETC1-QBL912ZC-IR2 Datasheet
591Kb / 9P
   1.8mm Round Subminiature Z-Bend Lead IR LEDs
QBL912GC-IR2 ETC1-QBL912GC-IR2 Datasheet
610Kb / 9P
   1.8mm Round Subminiature Gull-WIng Lead IR LEDs
logo
Everlight Electronics C...
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
PD95-21B EVERLIGHT-PD95-21B Datasheet
164Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Photodiode
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
EAPDSZ2120A0 EVERLIGHT-EAPDSZ2120A0 Datasheet
412Kb / 8P
   1.9mm Round Subminiature??Z-Bend??Lead Photodiode
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
42-21UYC EVERLIGHT-42-21UYC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com