Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMJH120 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMJH120
Description  Current Limiting Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMJH120 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMJH120 Datasheet HTML 1Page - Central Semiconductor Corp CMJH120 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.13mA thru 18mA
Current Limiting Diodes
in the SOD-123FL package
Central Semiconductor’s CMJ series of silicon field effect
current regulator diodes is designed for applications requiring a
constant current over a wide voltage range. These devices are
manufactured in the epoxy molded, low profile SOD-123FL case.
Special selections of IP (regulator current) are available for critical
applications.
SOD-123FL
weblink scan
Use QR reader
for direct link to
product web
page.
Typical Electrical Characteristics
145 Adams Avenue
Hauppauge New York 11788 USA www.centralsemi.com
• Single device solution
• Industry standard package
• Wide range of regulation currents
Benefits:
Features:
• High reliability
• Special selections available
• Through hole devices available
Applications:
• Test equipment
• Solid State Lighting (SSL)
• Security devices
• Industrial controllers
Electrical Characteristics (TA = 25˚C)
Type
Regulator
Current
(Note 1)
IP @ VT=25V
Minimum
Dynamic
Impedance
ZT @ VT=25V
Minimum
Knee
Impedance
ZK @ VK=6.0V
Maximum
Limiting
Voltage
VL @ IL=0.8 x IP MIN
Temperature
Coefficient
(Note 2)
TC
Marking
Code
MIN
(mA)
NOM
(mA)
MAX
(mA)
(MΩ)(kΩ)
(V)
(%/°C)
CMJ0130
0.05
0.13
0.21
6.0
2,000
0.6
+2.10 to +0.10
101
CMJ0300
0.20
0.31
0.42
4.0
1,000
0.8
+0.40 to -0.20
301
CMJ0500
0.40
0.515
0.63
2.0
500
1.1
+0.15 to -0.25
501
CMJ0750
0.60
0.76
0.92
1.0
200
1.4
0.0 to -0.32
701
CMJ1000
0.88
1.1
1.32
0.65
100
1.7
-0.10 to -0.37
102
CMJ1500
1.28
1.5
1.72
0.45
70
2.0
-0.13 to -0.40
152
CMJ2000
1.68
2.0
2.32
0.35
50
2.3
-0.15 to -0.42
202
CMJ2700
2.28
2.69
3.1
0.30
30
2.7
-0.18 to -0.45
272
CMJ3500
3.0
3.55
4.1
0.25
20
3.2
-0.20 to -0.47
352
CMJ4500
3.9
4.5
5.1
0.20
10
3.7
-0.22 to -0.50
452
CMJ5750
5.0
5.75
6.5
0.05
5.0
4.5
-0.25 to -0.53
562
CMJH080
6.56
8.2
9.84
0.32
15
3.1
-0.25 to -0.45
822
CMJH100
8.0
10
12
0.17
6.0
3.5
-0.25 to -0.45
103
CMJH120
9.6
12
14.4
0.08
3.0
3.8
-0.25 to -0.45
123
CMJH150
12
15
18
0.03
2.0
4.3
-0.25 to -0.45
153
CMJH180
16
18
20
0.02
1.8
4.6
-0.25 to -0.45
183
Notes: 1) Pulsed Method: Pulse Width (ms) = 27.5 divided by IP NOM (mA)
2) The Temperature Coefficient is measured between + 25°C and +50°C.
Maximum Ratings: (TA=25°C)
Symbol
Units
Peak Operating Voltage (CMJ0130 THRU CMJ5750)
POV
100
V
Peak Operating Voltage (CMJH080 THRU CMJH180)
POV
50
V
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
250
°C/W
CMJ0130 thru CMJH180
Product Brief
Product Brief


Similar Part No. - CMJH120

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMJH120 CENTRAL-CMJH120 Datasheet
742Kb / 3P
   SURFACE MOUNT SILICON CURRENT LIMITING DIODE
More results

Similar Description - CMJH120

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
   Current Limiting Diodes
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
   Current Limiting Diodes
CL20M35 DIOTEC-CL20M35 Datasheet
100Kb / 2P
   Current Limiting Diodes
CL15M45 DIOTEC-CL15M45 Datasheet
99Kb / 2P
   Current Limiting Diodes
CL15M35 DIOTEC-CL15M35_14 Datasheet
100Kb / 2P
   Current Limiting Diodes
CL15M35 DIOTEC-CL15M35_17 Datasheet
143Kb / 2P
   SMD Current Limiting Diodes
CL15M45 DIOTEC-CL15M45_17 Datasheet
143Kb / 2P
   SMD Current Limiting Diodes
CL10MD DIOTEC-CL10MD Datasheet
142Kb / 2P
   SMD Current Limiting Diodes
CL05M6F DIOTEC-CL05M6F Datasheet
125Kb / 2P
   SMD Current Limiting Diodes
CL10MD DIOTEC-CL10MD_18 Datasheet
143Kb / 3P
   SMD Current Limiting Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com