Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4601EPE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4601EPE
Description  2.5?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4601EPE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4601EPE Datasheet HTML 1Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 2Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4601EPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.5
Ω, Quad, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = 12V, V- = 0, VL = 5V, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-isolation = 20 log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between any two switches.
Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
Turn-On Time
tON
160
ns
Figure 2, VCOM_ = 10V, TA = +25°C
f = 1MHz, Figure 7, TA = +25°C
On-Capacitance
C(COM)
140
pF
f = 1MHz, Figure 6, TA = +25°C
COM Off-Capacitance
C(COM)
85
pF
f = 1MHz, Figure 6, TA = +25°C
NC_ or NO_ Capacitance
C(OFF)
85
pF
RL = 50Ω, CL= 5pF, f = 1MHz, Figure 5,
TA = +25°C
CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 3,
TA = +25°C
Figure 2, VCOM_ = 10V, TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Crosstalk (Note 8)
VCT
-60
dB
Charge Injection
Q
20
pC
Turn-Off Time
tOFF
170
ns
CONDITIONS
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4601EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX460 MAXIM-MAX460 Datasheet
254Kb / 6P
   High Accuracy Fast Buffer
MAX4600 MAXIM-MAX4600 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CAE MAXIM-MAX4600CAE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4600CAE MAXIM-MAX4600CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CPE MAXIM-MAX4600CPE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4601EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com