Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4614CUD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4614CUD
Description  Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4614CUD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4614CUD Datasheet HTML 1Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 2Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 3Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 4Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 5Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 6Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 7Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 8Page - Maxim Integrated Products MAX4614CUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Voltage, High-Speed, Quad, SPST
CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Current with Input
Voltage High
IIN_H
-10
0.3
10
nA
CONDITIONS
VIN_ = 2.4V
Input Current with Input
Voltage Low
IIN_L
-10
0.3
10
nA
VIN_ = 0.8V
Turn-On Time (Note 3)
tON
512
ns
Charge Injection
Q
6.5
pC
TA = +25°C
TA = TMIN to TMAX
14
VCOM_ = 3V, Figure 2
TA = +25°C
TA = TMIN to TMAX
12
VCOM_ = 3V, Figure 2
Turn-Off Time (Note 3)
tOFF
2.5
10
ns
Power-Supply Range
On-Channel Bandwidth
BW
70
MHz
Signal = 0dBm, Figure 4, 50
Ω in and out,
TA = +25°C
RL = 50Ω, f = 100kHz, Figure 4,
TA = +25°C
Off-Isolation (Note 7)
VISO
-85
dB
RL = 50Ω, f = 100kHz, Figure 5,
TA = +25°C
Crosstalk (Note 8)
VCT
-96
dB
f = 1MHz, Figure 6, TA = +25°C
NO_ or NC_ Capacitance
C(OFF)
5
pF
f = 1MHz, Figure 6, TA = +25°C
COM_ Off-Capacitance
CCOM(OFF)
5
pF
f = 1MHz, Figure 6, TA = +25°C
COM_ On-Capacitance
CCOM(ON)
pF
2
5.5
V
Power-Supply Current
11
I+
VIN = 0 or V+, all switches on or off
-1
0.001
1
µA
Signal = 0dBm, Figure 4, 50
Ω in and out,
TA = +25°C
600
Ω IN and OUT, f = 20Hz to 20kHz, 2Vp-p,
TA = +25°C
Total Harmonic Distortion
THD
%
0.034
Input Voltage High
VIN_H
2.4
V
Input Voltage Low
VIN_L
0.8
V
LOGIC INPUT
POWER SUPPLY
SWITCH DYNAMIC


Similar Part No. - MAX4614CUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4614CUD MAXIM-MAX4614CUD Datasheet
1Mb / 13P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
More results

Similar Description - MAX4614CUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
logo
National Semiconductor ...
LMC13334 NSC-LMC13334 Datasheet
244Kb / 7P
   Quad SPST High Voltage CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com