Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP630-IR2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QBLP630-IR2
Description  0805 IR LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP630-IR2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  QBLP630-IR2 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP630-IR2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
QBLP630-IR2
0805 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP630-IR2
Date: May 04, 2015
Page 8 of 9
Version# 1.0
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP630-IR2
QBLP630-IR2
Ie=0.35mW/sr typ. @ IF=20mA / λP=880nm
typ.
3,000 units


Similar Part No. - QBLP630-IR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP630-IR1 ETC1-QBLP630-IR1 Datasheet
472Kb / 9P
   0805 IR LED
QBLP630-IR3 ETC1-QBLP630-IR3 Datasheet
486Kb / 9P
   0805 IR LED
More results

Similar Description - QBLP630-IR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP630-IR3 ETC1-QBLP630-IR3 Datasheet
486Kb / 9P
   0805 IR LED
QBLP630-IR1 ETC1-QBLP630-IR1 Datasheet
472Kb / 9P
   0805 IR LED
QBLP651-IR3 ETC1-QBLP651-IR3 Datasheet
503Kb / 9P
   IR LED
QBLP613-IR1 ETC1-QBLP613-IR1 Datasheet
393Kb / 9P
   IR LED
logo
KODENSHI_AUK CORP.
ML-1K3 KODENSHI-ML-1K3 Datasheet
149Kb / 2P
   IR LED
logo
List of Unclassifed Man...
QBLP601-IR2 ETC1-QBLP601-IR2 Datasheet
398Kb / 9P
   IR LED
QBLP650-IR2 ETC1-QBLP650-IR2 Datasheet
476Kb / 9P
    IR LED
QBLP650-IR3 ETC1-QBLP650-IR3 Datasheet
474Kb / 9P
   IR LED
QBLP670-IR1 ETC1-QBLP670-IR1 Datasheet
552Kb / 9P
   PLCC2 IR LED
QBLP676-IR2 ETC1-QBLP676-IR2 Datasheet
493Kb / 9P
   PLCC2 IR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com