Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP631-YG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QBLP631-YG
Description  SMD 0805 LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP631-YG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QBLP631-YG Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP631-YG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
QBLP631-YG
0805 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP631-YG
Date: September 16, 2014
Page 3 of 10
Version# 1.0
Introduction
Feature:
 Water clear lens (except white color)
 Package in tape and reel
 Bright 0805 LED package
 GaP Technology
Description:
These ultra bright 0805 LEDs have a height profile of
0.8mm. Combination of high brightness output and
small footprint, these LEDs are ideal for keypad
backlighting and status indication.
Application:
 Status indication
 Back lighting application
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBLP631-YG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP631-YG ETC-QBLP631-YG Datasheet
684Kb / 10P
   LED
More results

Similar Description - QBLP631-YG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP631-RAG ETC1-QBLP631-RAG Datasheet
690Kb / 9P
   SMD 0805 LED
QBLP631 ETC1-QBLP631 Datasheet
806Kb / 14P
   SMD 0805 LED
logo
P-tec Corporation
PL00220-WCR08 P-TEC-PL00220-WCR08 Datasheet
30Kb / 1P
   SMD LED 0805 Package
PL00220-WCR12 P-TEC-PL00220-WCR12 Datasheet
30Kb / 1P
   SMD LED 0805 Package
PL00221-WCR21 P-TEC-PL00221-WCR21 Datasheet
30Kb / 1P
   SMD LED 0805 Package
PL00220-WCR25 P-TEC-PL00220-WCR25 Datasheet
30Kb / 1P
   SMD LED 0805 Package
PL00120-WCR08 P-TEC-PL00120-WCR08_14 Datasheet
31Kb / 1P
   SMD LED 0805 Package
PL00120-WCR21 P-TEC-PL00120-WCR21_14 Datasheet
32Kb / 1P
   SMD LED 0805 Package
PL00120-WCR24 P-TEC-PL00120-WCR24_14 Datasheet
31Kb / 1P
   SMD LED 0805 Package
PL00120-WCR27 P-TEC-PL00120-WCR27_14 Datasheet
31Kb / 1P
   SMD LED 0805 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com