Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4626 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4626
Description  0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4626 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4626 Datasheet HTML 1Page - Maxim Integrated Products MAX4626 Datasheet HTML 2Page - Maxim Integrated Products MAX4626 Datasheet HTML 3Page - Maxim Integrated Products MAX4626 Datasheet HTML 4Page - Maxim Integrated Products MAX4626 Datasheet HTML 5Page - Maxim Integrated Products MAX4626 Datasheet HTML 6Page - Maxim Integrated Products MAX4626 Datasheet HTML 7Page - Maxim Integrated Products MAX4626 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0.5
Ω, Low-Voltage, Single-Supply
SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, GND = 0, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+, IN, IN..................................................................-0.3V to +6V
NO, NC, COM (Note 1).................................-0.3V to (V+ + 0.3V)
Continuous Current NO, NC to COM .............................±400mA
Peak Switch Current NO, NC to COM
(pulsed at 1ms, 10% duty cycle max) ........................ ±800mA
Continuous Power Dissipation (TA = 70°C)
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) ..........571mW
6-Pin SOT23-6 (derate 7.1mW/°C above +70°C) ..........571mW
Operating Temperature Range
MAX462_EU_ ....................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
Note 1: Signals on NC, NO, or COM exceeding V+ or GND are clamped by internal diodes.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM, VNO,
VNC
0V+
V
0.35
0.5
On-Resistance
RON
TA = +25°C
0.6
0.05
0.10
On-Resistance Flatness
(Note 4)
RFLAT(ON)
V+ = 4.5V; VCOM = 0, 1V,
2V; ICOM = 100mA
TA = +25°C
0.10
-2
0.2
2
NO or NC Off-Leakage
Current
INO(OFF),
INC(OFF)
TA = +25°C
-20
20
nA
-2
0.2
2
COM Off-Leakage
Current
ICOM(OFF)
TA = +25°C
-20
20
nA
COM On-Leakage
Current
-4
0.3
4
ICOM(ON)
TA = +25°C
-40
40
nA
Overcurrent-Protection
Threshold Current
TA = +25°C
2.4
A
TA = +25°C
40
50
Turn-On Time
tON
VNO or VNC = 3V, Figure 2
TA = TMIN to TMAX
60
ns
TA = +25°C
18
30
Turn-Off Time
tOFF
VNO or VNC = 3V, Figure 2
TA = TMIN to TMAX
40
ns
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
CONDITIONS
TA = TMIN to TMAX
V+ = 5.5V; VCOM = 1V, 4.5V;
VNO or VNC = 4.5V, 1V
V+ = 5.5V; VCOM = 1V, 4.5V;
VNO or VNC = 4.5V, 1V
V+ = 5.5V; VCOM = 1V, 4.5V;
VNO or VNC = 1V, 4.5V, or
floating
V+ = 4.5V,
VNO or VNC = 3.5V,
ICOM = 100mA
Charge Injection
Q
CL = 1.0nF, VGEN = 0, RGEN = 0, TA = +25°C, Figure 3
40
pC
Off-Isolation (Note 5)
OIRR
RL = 50
Ω, CL = 5pF, f = 1MHz, TA = +25°C, Figure 4
-51
dB
COM Off-Capacitance
CCOM(OFF)
f = 1MHz, TA = +25°C, Figure 5
65
pF
COM On-Capacitance
CCOM(ON)
f = 1MHz, TA = +25°C, Figure 5
130
pF
NC or NO Off-
Capacitance
COFF
f = 1MHz, TA = +25°C, Figure 5
65
pF
DYNAMIC
ANALOG SWITCH


Similar Part No. - MAX4626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626-MAX4628 MAXIM-MAX4626-MAX4628 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626EUK MAXIM-MAX4626EUK Datasheet
59Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 8, 2001
MAX4626EUK+T MAXIM-MAX4626EUK+T Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
MAX4626EUK-T MAXIM-MAX4626EUK-T Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
More results

Similar Description - MAX4626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com