Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4602EWE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4602EWE
Description  2.5?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4602EWE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4602EWE Datasheet HTML 4Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 5Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 6Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 7Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 8Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 9Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 10Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 11Page - Maxim Integrated Products MAX4602EWE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2.5
Ω, Quad, SPST,
CMOS Analog Switches
8
_______________________________________________________________________________________
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, NO, or COM. If power-supply sequencing
is not possible, add two small signal diodes (D1, D2)
in series with the supply pins for overvoltage protection
(Figure 1). Adding diodes reduces the analog signal
range to one diode drop below V+ and one diode drop
above V-, but does not affect the devices’ low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between
V+ and V- should not exceed 44V. These protection
diodes are not recommended when using a single supply.
Off-Isolation at High Frequencies
In 50
Ω systems, the high-frequency on-response of
these parts extends from DC to above 100MHz with a
typical loss of -2dB. When the switch is turned off, how-
ever, it behaves like a capacitor, and off-isolation
decreases with increasing frequency. (Above 300MHz,
the switch actually passes more signal turned off than
turned on.) This effect is more pronounced with higher
source and load impedances.
Above 5MHz, circuit board layout becomes critical, and
it becomes difficult to characterize the response of the
switch independent of the circuit. The graphs shown in
the
Typical Operating Characteristics were taken using
a 50
Ω source and load connected with BNC connec-
tors to a circuit board deemed “average;” that is,
designed with isolation in mind, but not using strip-line
or other special RF circuit techniques. For critical appli-
cations above 5MHz, use the MAX440, MAX441, and
MAX442, which are fully characterized up to 160MHz.
COM_
V-
V+
NO_
* INTERNAL PROTECTION DIODES
D2
D1
-15V
+15V
MAX4601
MAX4602
MAX4603
*
*
*
*
tr < 20ns
tf < 20ns
50%
0
LOGIC
INPUT
V-
-15V
RL
100
NO_
OR NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VO = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN_
+3V
tOFF
0
COM_
SWITCH
OUTPUT
0.9V0
0.9V0
tON
VO
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
VL
V+
CL
35pF
+5V
+15V
VO
VCOM_
0
REPEAT TEST FOR EACH SWITCH. FOR LOAD
CONDITIONS, SEE
Electrical Characteristics.
MAX4601
MAX4602
MAX4603
Figure 1. Overvoltage Protection Using External Blocking
Diodes
Figure 2. Switching-Time Test Circuit
Timing Diagrams/Test Circuits


Similar Part No. - MAX4602EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX460 MAXIM-MAX460 Datasheet
254Kb / 6P
   High Accuracy Fast Buffer
MAX4600 MAXIM-MAX4600 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CAE MAXIM-MAX4600CAE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4600CAE MAXIM-MAX4600CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4600CPE MAXIM-MAX4600CPE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4602EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com