Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4606CPE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4606CPE
Description  5ohm, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4606CPE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4606CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 9Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 10Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 11Page - Maxim Integrated Products MAX4606CPE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
5
, Quad, SPST, CMOS Analog Switches
_______________________________________________________________________________________
9
VGEN
GND
NC_ OR
CL
VO
-15V
V-
V+
VO
VIN
OFF
ON
OFF
∆VO
Q = (
∆VO)(CL)
COM_
+5V
VIN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
VIN
VIN = +3V
+15V
RGEN
IN_
VL
MAX4604
MAX4605
MAX4606
NO_
Figure 3. Charge-Injection Test Circuit
IN_
0 or 2.4V
SIGNAL
GENERATOR 0dBm
+15V
C
VL
ANALYZER
NC_ OR NO_
RL
GND
COM_
C
-15V
V-
+5V
COM_
V+
MAX4604
MAX4605
MAX4606
Figure 4. Off-Isolation Test Circuit
SIGNAL
GENERATOR 0dBm
+15V
C
ANALYZER
N02
RL
GND
COM1
C
V-
-15V
0 or 2.4V
IN1
N01
50
VL
COM2
+5V
IN2
0 or 2.4V
N.C.
V+
MAX4604
MAX4605
MAX4606
Figure 5. Crosstalk Test Circuit


Similar Part No. - MAX4606CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4606F MAXIM-MAX4606F Datasheet
221Kb / 14P
   High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
More results

Similar Description - MAX4606CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com