Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4611CSD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4611CSD
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4611CSD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4611CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 9Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 10Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 11Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 12Page - Maxim Integrated Products MAX4611CSD Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
_______________________________________________________________________________________
9
IN_
VIN_L OR
VIN_H
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NO_, NC_
RL
GND
COM_
V+
MAX4610
MAX4611
MAX4612
Figure 4. Off-Isolation/On-Channel Bandwidth
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NO2
RL
GND
COM1
IN1
NO1
50
COM2
IN2
V+
MAX4610
MAX4611
MAX4612
VINL OR
VINH
VINL OR
VINH
Figure 5. Crosstalk
CAPACITANCE
METER
NO_, NC_
COM_
GND
IN_
10nF
V+
f = 1MHz
V+
MAX4610
MAX4611
MAX4612
VINL OR
VINH
Figure 6. Channel Off/On-Capacitance
Test Circuits/Timing Diagrams (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX4611CUD
0°C to +70°C
14 TSSOP
MAX4611CSD
0°C to +70°C
14 Narrow SO
MAX4611CPD
0°C to +70°C
14 Plastic DIP
MAX4611C/D
0°C to +70°C
Dice*
MAX4611ESD
-40°C to +85°C
14 Narrow SO
MAX4611EPD
-40°C to +85°C
14 Plastic DIP
MAX4611EUD
-40°C to +85°C
14 TSSOP
*Contact factory for dice specifications.
MAX4612CUD
0°C to +70°C
14 TSSOP
MAX4612CSD
0°C to +70°C
14 Narrow SO
MAX4612CPD
0°C to +70°C
14 Plastic DIP
MAX4612C/D
0°C to +70°C
Dice*
MAX4612ESD
-40°C to +85°C
14 Narrow SO
MAX4612EPD
-40°C to +85°C
14 Plastic DIP
MAX4612EUD
-40°C to +85°C
14 TSSOP
MAX4612AUD
-40°C to +125°C
14 TSSOP
MAX4612ASD
-40°C to +125°C
14 Narrow SO
MAX4611AUD
-40°C to +125°C
14 TSSOP
MAX4611ASD
-40°C to +125°C
14 Narrow SO
MAX4610ASD
0°C to +70°C
-40°C to +125°C
MAX4611EGE
-40°C to +85°C
16 QFN
MAX4612EGE
-40°C to +85°C
16 QFN


Similar Part No. - MAX4611CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4611CSD++ MAXIM-MAX4611CSD+ Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
More results

Similar Description - MAX4611CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com