Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4635 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4635
Description  Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4635 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4635 Datasheet HTML 3Page - Maxim Integrated Products MAX4635 Datasheet HTML 4Page - Maxim Integrated Products MAX4635 Datasheet HTML 5Page - Maxim Integrated Products MAX4635 Datasheet HTML 6Page - Maxim Integrated Products MAX4635 Datasheet HTML 7Page - Maxim Integrated Products MAX4635 Datasheet HTML 8Page - Maxim Integrated Products MAX4635 Datasheet HTML 9Page - Maxim Integrated Products MAX4635 Datasheet HTML 10Page - Maxim Integrated Products MAX4635 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Fast, Low-Voltage, Dual 4
Ω SPDT
CMOS Analog Switches
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
PROPRIETARY INFORMATION
TITLE:
APPROVAL
DOCUMENT CONTROL NO.
REV.
2
1
PACKAGE OUTLINE, 6, 8 & 10L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
21-0137
D
L
C
L
C
SEMICONDUCTOR
DALLAS
A2
A
PIN 1
INDEX
AREA
D
E
A1
D2
b
E2
[(N/2)-1] x e
REF.
e
k
1
N
1
L
e
L
A
L
PIN 1 ID
C0.35
DETAIL A
e
NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY
DOCUMENT CONTROL NO.
APPROVAL
TITLE:
PROPRIETARY INFORMATION
REV.
2
2
COMMON DIMENSIONS
SYMBOL
MIN.
MAX.
A
0.70
0.80
D
2.90
3.10
E
2.90
3.10
A1
0.00
0.05
L
0.20
0.40
PKG. CODE
6
N
T633-1
1.50±0.10
D2
2.30±0.10
E2
0.95 BSC
e
MO229 / WEEA
JEDEC SPEC
0.40±0.05
b
1.90 REF
[(N/2)-1] x e
1.50±0.10
MO229 / WEEC
1.95 REF
0.30±0.05
0.65 BSC
2.30±0.10
T833-1
8
PACKAGE VARIATIONS
21-0137
0.25±0.05
2.00 REF
MO229 / WEED-3
0.50 BSC
1.50±0.10
2.30±0.10
10
T1033-1
0.25 MIN.
k
A2
0.20 REF.
D
SEMICONDUCTOR
DALLAS
PACKAGE OUTLINE, 6, 8 & 10L,
TDFN, EXPOSED PAD, 3x3x0.80 mm


Similar Part No. - MAX4635

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MAX4635 CIRRUS-MAX4635 Datasheet
339Kb / 10P
   Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
More results

Similar Description - MAX4635

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
   ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Monolithic Power System...
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. A, 03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com