Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301720189 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301720189
Description  Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301720189 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301720189 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301720189
Status:
Active
Overview:
Aero-Motive® Balancers
Description:
Aero-Motive® Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and
Upper Shackle Assembly, Weight Range 13.0-20.0kg (29.0-45.0 lb), 2.13m (7.0') Travel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130172
Cable Length
2.13m (7.0')
Duty
Heavy
Overview
Aero-Motive® Balancers
Product Name
Aero-Motive®
Type
Balancers
UPC
78678861022
Woodhead
Yes
Physical
Cable Diameter
4.76mm (.188")
Cable Movement
Zero-Gravity
Drum Lock
Automatic Safety, Manual
Material - Housing
Cast Aluminum
Mounting Style
Hanging
Packaging Type
Carton
Travel Distance
2.13m (7.0')
Weight Range
13.0-20.0kg (29.0-45.0 lb)
Wire/Cable Type
StrandedGalvanized Steel Cable
Material Info
Old Part Number
40JA
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130172 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301720189

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301720180 MOLEX11-1301720180 Datasheet
46Kb / 1P
   Aero-Motive Heavy Industrial Duty LAS Balancer with Upper / Lower Bullard Hooks
1301720184 MOLEX11-1301720184 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover
1301720186 MOLEX11-1301720186 Datasheet
43Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer with Ratchet Lock, Weight Range
More results

Similar Description - 1301720189

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130172-0558 MOLEX11-130172-0558 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0560 MOLEX11-130172-0560 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0574 MOLEX11-130172-0574 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0554 MOLEX11-130172-0554 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0639 MOLEX11-130172-0639 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0514 MOLEX11-130172-0514 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0551 MOLEX11-130172-0551 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0645 MOLEX11-130172-0645 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0095 MOLEX11-130172-0095 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0584 MOLEX11-130172-0584 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com