Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4611EPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4611EPD
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4611EPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4611EPD Datasheet HTML 1Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 2Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 3Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 4Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 5Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 6Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 7Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 8Page - Maxim Integrated Products MAX4611EPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
(Note 3)
VCOM_,
VNO_,
VNC_,
0V+
V
CONDITIONS
On-Resistance
RON
30
45
V+ = 12V,
ICOM = 2mA,
VNO_ = VNC_ = 10V
TA = +25°C
TA = TMIN to TMAX
60
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON (max) - RON (min).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-Isolation = 20log10 (VCOM_ / VNO_), VCOM_ = output, VNO_ = input to off switch.
Note 8: Between any two switches.
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, VIN_H = 4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Input High Voltage
VIN_H
4.0
2.8
V
Input Low Voltage
VIN_L
2.5
0.8
V
Positive Supply Current
I+
-1
0.001
1
µA
VIN_ = 0 or V+, all switches on or off
ANALOG SWITCH
LOGIC INPUTS
SUPPLY


Similar Part No. - MAX4611EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4611EPD++ MAXIM-MAX4611EPD+ Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
More results

Similar Description - MAX4611EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com