Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4636EUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4636EUB
Description  Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4636EUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4636EUB Datasheet HTML 2Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 3Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 4Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 5Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 6Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 7Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 8Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 9Page - Maxim Integrated Products MAX4636EUB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Fast, Low-Voltage, Dual 4
Ω SPDT
CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX4635
MAX4636
NAME
FUNCTION
1
1
IN1
Logic Control for Switch 1
2
9
NO1
Normally Open Terminal of Switch 1
3
3
GND
Ground
4
7
NO2
Normally Open Terminal of Switch 2
5
5
IN2
Logic Control Input for Switch 2
6
6
COM2
Common Terminal of Switch 2
7
4
NC2
Normally Closed Terminal of Switch 2
8
8
V+
Input Supply Voltage, +1.8V to +5.5V
9
2
NC1
Normally Closed Terminal of Switch 1
10
10
COM1
Common Terminal of Switch 1
-80
-50
-60
-70
-30
-40
0
-10
-20
10
0.01
1
0.1
10
100
1k
FREQUENCY RESPONSE
FREQUENCY (MHz)
OFF-ISOLATION
BANDWIDTH
CROSSTALK
0.12
0
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
0.04
0.02
0.06
0.08
0.10
600
Ω IN AND OUT
V+ = 5V


Similar Part No. - MAX4636EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4630EPD MAXIM-MAX4630EPD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630ESD MAXIM-MAX4630ESD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630EUD MAXIM-MAX4630EUD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4636EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
   ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Monolithic Power System...
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. A, 03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com