Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED60W-170-C0350-XX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LED60W-170-C0350-XX
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED60W-170-C0350-XX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LED60W-170-C0350-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LED60W-170-C0350-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LED60W-170-C0350-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LED60W-170-C0350-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 4
SSL Solutions Faster Than The Speed Of Light®
“-D” Option: 0-10VDC and Resistance Dimming
Notes:
1. 0-10V dimmable version comes with an extra two wires +Purple/-Gray on the output side.
2. Compatible with most 0-10V Wall Slide dimmers and direct 0-10V analog signal. Recommended dimmer is Leviton IP710 or equivalent
3. 0-10V dimmable version is not intended to dim below about 5% @ 0V or 10% @ 1.0V
4. 0-10V dimmable version output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
Parameters
Minimum
Typical
Maximum
Source Current out of 0-10V Purple Wire
0 mA
—-
2 mA
Absolute Voltage Range on 0-10V (+) Purple Wire
-2.0 V
—-
+15 V
Dim (+) Purple
IP710 Wall Dimmer
LED60W-XX-CXXXX-D
Dim (-) Gray
(Dimmer must be current-sink type control)
Typical Dimming Circuit
0V
1V
2V
3V
4V
5V
6V
7V
8V
9V
10V
Dimming Input (Vdc)
Output Current / 0-10VDC Dimming Input
0
10
20
30
40
50
60
70
80
90
100
LED60W Series


Similar Part No. - LED60W-170-C0350-XX

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED600-03 ROITHNER-LED600-03 Datasheet
505Kb / 3P
   orange light emitting diode
logo
STMicroelectronics
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6000PHR STMICROELECTRONICS-LED6000PHR Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6000PHTR STMICROELECTRONICS-LED6000PHTR Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
More results

Similar Description - LED60W-170-C0350-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com