Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED40W-048-C0830-HL-XY-HV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED40W-048-C0830-HL-XY-HV
Description  Fixed Output and Dimmable Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-048-C0830-HL-XY-HV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED40W-048-C0830-HL-XY-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-048-C0830-HL-XY-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-048-C0830-HL-XY-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers LED40W-048-C0830-HL-XY-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimensions - Inches (mm)
UL Conditions of Acceptability
See website for additional information
35%
Load
Power Factor / Load
60%
80%
100%
35%
Load
THD / Load
60%
80%
100%
347 Vac
480 Vac
347 Vac
480 Vac
0.60
0.70
0.65
0.75
0.90
0.85
0.80
0.95
1.00
0%
15%
10%
5%
20%
30%
25%
45
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
0
60
90
115
75
15
30
45
130
50
55
60
65
70
75
80
85
90
Safety and EMC Compliance
UL/CUL
UL8750, CAN/CSA-C22.2 No. 250.13-12,
UL1310 & CAN/CSA-22.1 No. 223-M91 (for Class 2),
UL1012/CS-C22.2 No.107.1 (for Non-Class 2)
C E
EN 61347-1, EN 61347-2-13
FCC, 47CFR Part 15 Class B
EN 55015
EN61000-3-2
> 80% Rated Power
EN61000-3-3
Class C
EN61000-4-5
2kV/4kV
Typical Efficiency / Load
75%
70%
80%
85%
90%
95%
Normalized Output Voltage
35%
60%
80%
100%
347 Vac
480 Vac
Standard “-BY” Bottom Leads Configuration:
“-SY” Optional Side Leads Configuration:
0.39±0.04 [10±1]
0.39 [10]
3.78 [96]
1.89 [48]
Tc = 90°C max
0.39±0.04 [10±1]
0.2 [5]
0.14 [3.6]
0.39 [10]
3.78 [96]
1.89 [48]
Tc = 90°C max
0.2 [5]
0.14 [3.6]
AC IN
White (N)
Black (L)
Dimming
Purple (+)
Gray (-)
DC OUT
Red (+)
Blue (-)
AC IN
White (N)
Black (L)
Dimming
Purple (+)
Gray (-)
DC OUT
Red (+)
Blue (-)
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
Dimming Leads: 22 AWG, rated 300 V, 105C.
All wires are stranded with solder dipped ends.
LED40W-HL-HV Series
Note:
Life calculations are based on reliability with confidence using
a 90% confidence level and <5% failure rate. At a confidence
level of 90% it is expected that <5% of the parts will fail at
the rated life provided. (Failure is defined as a driver drifting
outside specification, rather than fail to operate)


Similar Part No. - LED40W-048-C0830-HL-XY-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-048-C0830-XX-HV ETC2-LED40W-048-C0830-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
More results

Similar Description - LED40W-048-C0830-HL-XY-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
   Dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
   Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com