Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX465 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX465
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX465 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX465 Datasheet HTML 1Page - Maxim Integrated Products MAX465 Datasheet HTML 2Page - Maxim Integrated Products MAX465 Datasheet HTML 3Page - Maxim Integrated Products MAX465 Datasheet HTML 4Page - Maxim Integrated Products MAX465 Datasheet HTML 5Page - Maxim Integrated Products MAX465 Datasheet HTML 6Page - Maxim Integrated Products MAX465 Datasheet HTML 7Page - Maxim Integrated Products MAX465 Datasheet HTML 8Page - Maxim Integrated Products MAX465 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, V- = -5V, -2V
≤ VIN ≤ +2V, RLOAD = 75Ω, unless otherwise noted.)
PARAMETER
Differential Phase Error
(Note 3)
SYMBOL
0.03
UNITS
deg.
300
DP
V/µs
Slew Rate
0.14
SR
200
Input Noise Density
en
20
nV/
H
z
25
35
Settling Time to 0.1%
-3dB Bandwidth
BW
100
MHz
90
tS
50
ns
XTALK
0.01
60
%
Differential Gain Error
(Note 3)
dB
DG
0.12
All-Hostile Crosstalk (Note 5)
XTALK
50
dB
ISO
Negative Supply Current
70
I-
50
65
dB
mA
tPD
15
ns
65
80
tSW
20
ns
Switching Transient
300
mVP-P
20
30
tOFF
80
ns
Logic Input High Threshold
VIH
2
V
Logic Input Low Threshold
VIL
0.8
V
CONDITIONS
MAX463/MAX464, MAX467/MAX468
MAX465/MAX466, MAX469/MAX470
MAX465/MAX466, MAX469/MAX470
MAX463/MAX464, MAX467/MAX468
fIN = 10kHz
MAX464/MAX466, disabled mode
MAX463/MAX464, MAX467/MAX468
MAX465/MAX466, MAX469/MAX470
VIN = 2V-to-0V step
fIN = 10MHz
MAX463/MAX464, MAX467/MAX468
MAX465/MAX466, MAX469/MAX470
fIN = 10MHz
fIN = 10MHz, MAX463–MAX466
MAX463–MAX466
MAX463–MAX466
VINA = VINB = 0V, MAX463–MAX466
MAX463/MAX465, disabled mode
MAX463–MAX466
E
N
, A0, C
S
, LE; MAX463–MAX466
E
N
, A0, C
S
, LE; MAX463–MAX466
TA = TMIN to TMAX
MIN
MAX
40
75
95
35
2
0.8
MAX463/MAX465/MAX467/MAX469,
VIN = 0V
MAX464/MAX466/MAX468/MAX470,
VIN = 0V
Adjacent Channel Crosstalk
(Note 4)
All-Hostile Off Isolation (Note 6)
Channel Switching
Propagation Delay (Note 7)
Logic Input Current High
IINHI
200
µA
E
N
, A0, C
S
, LE; MAX463–MAX466
200
Logic Input Current Low
IINLO
200
µA
E
N
, A0, C
S
, LE; MAX463–MAX466
200
Channel Switching Time
(Note 8)
Amplifier Switching Off-Time
(Note 9)
Amplifier Switching On-Time
(Note 10)
tON
100
ns
MAX463–MAX466
TA = +25°C
MIN
TYP
MAX


Similar Part No. - MAX465

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4651EGE MAXIM-MAX4651EGE Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4651EGP MAXIM-MAX4651EGP Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4651ESE MAXIM-MAX4651ESE Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4651EUE MAXIM-MAX4651EUE Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
More results

Similar Description - MAX465

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com