Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED40W-010-C4000-HL-XY-HV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LED40W-010-C4000-HL-XY-HV
Description  Fixed Output and Dimmable Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-010-C4000-HL-XY-HV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LED40W-010-C4000-HL-XY-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-010-C4000-HL-XY-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-010-C4000-HL-XY-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers LED40W-010-C4000-HL-XY-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
“-P” Option: PWM Dimming
PWM In
“-P” PWM Positive Dimming Typical Circuit
LED40W-XX-CXXXX-HL-P-HV
PWM (+) Purple
PWM (-) Gray
Parameters
Minimum
Typical
Maximum
Absolute Maximum Voltage Range on PWM Input (Purple Wire)
-2.0V
10V
+15V
Input LOW Level Voltage Range (Purple Wire)
-2.0V
0V
+5.5V
Input HIGH Level Voltage Range (Purple Wire)
+9.0V
10V
+15V
Sink Current into PWM Input (Purple Wire)
0mA
—-
1.2mA
Source Current out of PWM Input (Purple Wire)
0mA
—-
2mA
PWM Input Signal Frequency
500Hz
—-
1500Hz
PWM Input Signal Positive Duty Cycle
0%
10-90%
100%
Notes:
1. PD dimmable version comes with an extra 2 wires on the output side for PWM type dimming: +Purple/-Gray.
2. Below 10% Duty cycle proper dimming operation is not assured. Unit is not intended to turn off at <10% Duty Cycle.
3. Output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Positive Duty Cycle
Output Current / 1.0kHz Positive Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
LED40W-HL-HV Series


Similar Part No. - LED40W-010-C4000-HL-XY-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-010-C4000-XX-HV ETC2-LED40W-010-C4000-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
More results

Similar Description - LED40W-010-C4000-HL-XY-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
   Dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
   Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com