Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC-050S210ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRC-050S210ST
Description  Switch Mode LED Drivers,Constant Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-050S210ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRC-050S210ST Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
50W TRC-050 Series
Switch Mode LED Drivers,
Constant Current
Electrical Specifications
Input Voltage Range:
100 - 277 Nom. Vac (90 - 305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
60 A @ 230Vac
Input Current:
0.70 A @ 100 Vac, 0.35 A @ 220 Vac
Maximum Power:
50W
Line Regulation:
± 2%
Load Regulation:
± 5%
Typical Efficiency
83-89% typical @ maximum load
Protection:
Over-Voltage, Over-Current, Short Circuit Protection
with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -35ºC
Maximum Case Temp.
85°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
10% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
487,000 Hours @ 25ºC, 80% load, 110VAC input
Lifetime:
66,000 Hours @ 45ºC, 80% load, 110VAC input
on 4200 mA output model
Class 2:
US/Canada
US Only
Model Number
Output Current
(mA)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
TRC-050S035ST
350
47-142
50
91%
TRC-050S045ST
450
36-110
50
91%
TRC-050S070ST
700
24-72
50
91%
TRC-050S110ST
1100
16-48
50
90%
TRC-050S140ST
1400
12-36
50
90%
TRC-050S175ST
1750
9-29
50
90%
TRC-050S210ST
2100
8-24
50
87%
TRC-050S280ST
2800
6-18
50
89%
TRC-050S333ST
3330
5-15
50
88%
TRC-050S420ST
4200
4-12
50
87%
E332160
Safety and EMC Compliance
CUL
CE
UL 8750, Compliance to UL1310, Class 2
EN 61347-1, EN61347-2-13
EN 55015
Conducted emission
EN 61000-3-2 Harmonic current emissions
EN 61000-3-3 Voltage fluctuations and flicker
EN 61000-4-2 Electrostatic discharge
EN 61000-4-3 RFE Field Susceptibility test
EN 61000-4-4 Electrical Fast Transient
EN 61000-4-5 Surge Immunity test
EN 61000-4-6 Conducted Radio Frequency
EN 61000-4-8 Power Frequency Magnetic Field Test
EN 61000-4-11 Voltage Dips
EN 61547
Electromagnetic Immunity
320±20
50±5
10±2
8
320±20
50±5
168
172
193±1
34.5±0.5
34.5±0.5
183±1
Ø5.5
30±0.5
INPUT
Black (ACL)
White (ACN)
Green (GND)
OUTPUT
Red (+)
Black (-)
WIRE SPECS:
AC Input: #18AWG
DC Output: #18AWG
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
0
50
100
150
200
250
300
45
55
65
75
85
• Total Power: 50 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• High Efficiency, High Power Factor
• Input/Output Protection & Lightning Protection
• UL8750 and EN61347 Certified
Rev 9-1-15


Similar Part No. - TRC-050S210ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-050S210DT ETC2-TRC-050S210DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
More results

Similar Description - TRC-050S210ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
TRC-120S035DT ETC2-TRC-120S035DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com