Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC-096S035DT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRC-096S035DT
Description  Switch Mode LED Drivers,Constant Current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-096S035DT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRC-096S035DT Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-096S035DT Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-096S035DT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 3
SSL Solutions Faster Than The Speed Of Light®
AC IN(3*AWG #18)
DC OUT (2*AWG #18)
BLACK (ACL)
WHITE (ACN)
RED (V+)
BLUE (V-)
GREEN (GND)
PPL(1-10V)
DIMMING CONTROL WIRE (2*AWG #22)
GRAY(GND)
Tc = 89°C max
Safety and EMC Compliance
UL/CUL
UL8750, UL1310, UL1012,
CSA C22.2 No. 223-M91,
CSA C22.2 No. 107.1
C E
EN 61347-1, EN61347-2-13
EN 55015
Conducted emission
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
FCC Part 15 Class B
EN 61000-4-2
Electrostatic Discharge
EN 61000-4-3
RFE Field Susceptibility Test
EN 61000-4-4
Electrical Fast Transient
EN 61000-4-5
Surge Immunity Test: AC Power Line:
line to line 4 kV, line to earth 6 kV
EN 61000-4-6
Conducted Radio Frequency
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity
30
Case Temperature (°C)
Lifetime / Case Temperature
0
50
100
150
200
250
300
350
40
50
60
70
80
90
Derating Curve
Ambient Temperature (°C)
120Vac & 220Vac
277Vac
100%
80%
60%
40%
20%
0%
-35 -25 -15
-5
5
15
25
35
45
55
65
75
TRC-096 Dimming Series
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.50
0.55
0.70
0.65
0.60
0.75
0.90
0.85
0.80
0.95
1.00
0%
15%
10%
5%
20%
25%
Typical Efficiency / Load
75%
70%
80%
85%
90%
100%
95%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
277Vac


Similar Part No. - TRC-096S035DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
More results

Similar Description - TRC-096S035DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
TRC-120S035DT ETC2-TRC-120S035DT Datasheet
687Kb / 3P
   120W Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com