Electronic Components Datasheet Search |
|
PLED75W-072 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
PLED75W-072 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com Pg 2 of 4 SSL Solutions Faster Than The Speed Of Light® Dimensions - IN [mm] INPUT Black (ACL) White (ACN) Green/Yellow (GND) OUPUT Red (V+) Blue (V-) Dimming Purple (Dim+) Gray (Dim-) 12.0 Min [305 Min] 12.0 Min [305 Min] 2.6 [65] 5.51 ±0.047 [140.0 ±1.2] 5.91 [150] 5.1 [130] 2.33 [59.2] 0.236 [6] 0.236 [6] 0.16 [4] 2.24±0.12 [57.0±3] 2.24±0.12 [57.0±3] 0.39±0.04 [10±1] 0.39±0.04 [10±1] Tc = 90°C max WIRE SPECS: Input Leads: 18 AWG, rated 600 V, 105C, min. Output Leads: 18 AWG, rated 300 V, 105C, min. Dimming Leads: 22 AWG, rated 300 V, 105C. All wires are stranded with solder dipped ends. UL Conditions of Acceptability See website for additional information 40% Load Power Factor / Load 60% 80% 100% 40% Load THD / Load 60% 80% 100% 120Vac 230Vac 277Vac 120Vac 230Vac 277Vac 0.700 0.750 0.900 0.850 0.800 0.950 1.000 0% 15% 10% 5% 25% 20% 30% Typical Efficiency / Load 75% 70% 80% 85% 90% 100% 95% Normalized Output Voltage 40% 60% 80% 100% 120Vac 230Vac 277Vac 50 Case Hotspot Temperature (°C) Lifetime / Case Temperature Full Load @ 120Vac 0 80 120 130 100 20 40 60 70 110 90 10 30 50 140 55 60 65 70 75 80 85 90 Safety Certification Standard UL/CUL UL8750 & CAN/CSA-22.2 No. 250.13-12, UL1310/CSA-C22.2 No.223-M91 for Class 2, UL1012/CSA-C22.2 No.107.1 for Non-Class 2 CE EN 61347-1, EN61347-2-13 EMC Standard Notes FCC, 47CFR Part 15 Class B EN 55015 Limits and methods of measurement of radio disturbance characteristics of electrical lighting and similar equipment. EN 61000-3-2 Part 3-2: Limits for harmonic current emissions Class C, >80% Rated Power EN 61000-3-3 Part 3-3: Limitation of voltage changes, voltage fluctuations and flicker. EN 61000-4-5 Part 4-5: Surge Immunity test, 2 kV L-N, 4 kV L-G & N-G PLED75W Series Note: Life calculations are based on reliability with confidence using a 90% confidence level and <5% failure rate. At a confidence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (Failure is defined as a driver drifting outside specification, rather than fail to operate) |
Similar Part No. - PLED75W-072 |
|
Similar Description - PLED75W-072 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |