Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4651EUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4651EUE
Description  Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4651EUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4651EUE Datasheet HTML 1Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 2Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 3Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 4Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 5Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 6Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 7Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 8Page - Maxim Integrated Products MAX4651EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Voltage, 4
Ω, Quad, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = 4.5V to 5.5V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = 5V, TA = +25°C.)
(Note 2)
CONDITIONS
TA = +25°C
TA = TMIN to TMAX
16
TA = +25°C
TA = TMIN to TMAX
10
Turn-Off Time (Note 5)
tOFF
VNO_ = VNC_ = 3V,
RL = 300
Ω, CL = 35pF,
Figure 2
68
ns
TA = +25°C
TA = TMIN to TMAX
Turn-On Time (Note 5)
tON
VNO_ = VNC_ = 3V,
RL = 300
Ω, CL = 35pF,
Figure 2
11
14
ns
1
Break-Before-Make
(MAX4653 only) (Note 5)
VNO_ = VNC_ = 3V,
RL = 300
Ω, CL = 35pF
16
ns
RL = 50
Ω, CL = 5pF, f = 1MHz, Figure 4
RL = 50
Ω, CL = 5pF, f = 1MHz, Figure 5
Crosstalk (Note 7)
VCT
RL = 50
Ω, CL = 5pF, f = 10MHz, Figure 5
-80
dB
-75
-100
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Charge Injection
Q
VGEN = 2V, CL = 1.0nF, RGEN = 0, Figure 3
2
pC
NO_ or NC_ Off-Capacitance
COFF
VNO_ = VNC_ = GND, f = 1MHz, Figure 6
16
pF
COM_ Off-Capacitance
CCOM(OFF) VCOM_ = GND, f = 1MHz, Figure 6
16
pF
COM_ On-Capacitance
CCOM(ON)
VCOM_ = VNO_, VNC_ = GND, f = 1MHz,
Figure 7
32
pF
Off-Isolation (Note 6)
VISO
RL = 50
Ω, CL = 5pF, f = 10MHz, Figure 4
-50
dB
Total Harmonic Distortion
THD
RL = 600
Ω, f = 20Hz to 20kHz
0.02
%
Positive Supply Current
I+
V+ = 5.5V, VIN = 0 or V+
0.001
1.0
µA
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = 2.7V to 3.3V, VIH = 2.0V, VIL = 0.4V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = 3V, TA = +25°C.)
(Note 2)
COM_ to NO_ or NC_
On-Resistance Match Between
Channels (Notes 3, 8)
∆RON
V+ = 2.7V, ICOM = 10mA,
VNO_ or VNC_ = 0 to V+
0.1
0.2
TA = +25°C
TA = TMIN to TMAX
3
On-Resistance Flatness
(Note 4)
RFLAT(ON)
V+ = 2.7V, ICOM = 10mA,
VNO_ or VNC_ = 0 to V+
1.2
2.5
TA = +25°C
V+ = 2.7V, ICOM = 10mA,
VNO_ or VNC_ = 0 to V+
CONDITIONS
V
0V+
VCOM_,
VNO_,
VNC_
Input Voltage Range
TA = TMIN to TMAX
57
TA = +25°C
TA = TMIN to TMAX
8
RON
COM_ to NO_ or NC_
On-Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
0.3
ANALOG SWITCH
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY


Similar Part No. - MAX4651EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX465 MAXIM-MAX465 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655 MAXIM-MAX4655 Datasheet
302Kb / 12P
   High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
MAX4655 MAXIM-MAX4655 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4655ESA MAXIM-MAX4655ESA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
More results

Similar Description - MAX4651EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com