Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLEDDC120W-086 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLEDDC120W-086
Description  Flicker-Free LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLEDDC120W-086 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLEDDC120W-086 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLEDDC120W-086 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLEDDC120W-086 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLEDDC120W-086 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Constant Current Versions - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max Output
Power (W)
Typical
Efficiency
PLEDDC120W-343-C0350-XX
350
114-343
120
92%
PLEDDC120W-266-C0450-XX
450
89-266
120
92%
PLEDDC120W-171-C0700-XX
700
57-171
120
91%
PLEDDC120W-114-C1050-XX
1050
38-114
120
91%
PLEDDC120W-086-C1400-XX
1400
29-86
120
91%
PLEDDC120W-068-C1750-XX
1750
23-68
120
91%
PLEDDC120W-057-C2100-XX
2100
19-57
120
90%
PLEDDC120W-049-C2450-XX
2450
17-49
120
90%
PLEDDC120W-043-C2800-XX
2800
15-43
120
90%
PLEDDC120W-038-C3150-XX
3150
13-38
120
90%
PLEDDC120W-034-C3500-XX
3500
12-34
120
89%
PLEDDC120W-028-C4200-XX
4200
10-28
120
89%
PLEDDC120W-024-C5000-XX
5000
8-24
120
89%
Constant Voltage Versions - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max Output
Power (W)
Typical
Efficiency
PLEDDC120W-024
24
1250-5000
120
89%
PLEDDC120W-028
28
1050-4200
120
89%
PLEDDC120W-034
34
875-3500
120
89%
PLEDDC120W-038
38
788-3150
120
90%
PLEDDC120W-043
43
700-2800
120
90%
PLEDDC120W-049
49
613-2450
120
90%
PLEDDC120W-057
57
525-2100
120
90%
PLEDDC120W-068
68
438-1750
120
91%
PLEDDC120W-086
86
350-1400
120
91%
PLEDDC120W-114
114
263-1050
120
91%
PLEDDC120W-171
171
175-700
120
91%
PLEDDC120W-266
266
113-450
120
92%
PLEDDC120W-343
343
88-350
120
92%
-XX indicates dimming options are available. See options at left. Blank = fixed current output
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max),
108-250 Vdc
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ > 70% load, 120-277V
Inrush Current:
<30 Amps max @ 277 Vac, cold start, full load
Input Current:
0.60 Amps max @ 230 Vac, 1.10 A max @ 120 Vac
Maximum Power:
120W
Line Regulation:
± 3%
Load Regulation:
± 4%
THD:
<_ 20% @ > 70% load, 120-277V
Ripple & Noise:
(Vpk-pk)
5% Vo max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μF Electrolytic
Ripple:
(Ipk-pk)
5% Io max @ 20 MHz BW, Full load output
in parallel with 0.1 μF ceramic & 10 μFElectrolytic.
120 Hz component (Flicker Free)
Start-up Time:
150mS typical @ Full Load, 120Vac/60Hz (1000mS max)
Leakage Current:
0.68 mA max @ 120Vac, 0.75 mA max @ 277Vac
Hold Up Time:
30mS typical @ Full Load, 277Vac
Output Protection:
Over-Voltage, Over-Current, and Short Circuit
(reset by power cycling)
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5-55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
280,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Impact Resistance:
1g/s
Weight:
24.4 oz (690 grams)
PLEDDC-120W Series, Fixed Output & Dimmable
AC or DC Input
Flicker-Free LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
• Total Power: 120 Watts
• Input Voltage: 100-277 Vac Nom. or 108-250 Vdc
• UL Dry & Damp Location Rated
• IP66 & NEMA6
• High Power Factor
• UL Type HL Rated for Hazardous Locations
Rev 8-26-15
Ordering Options:
-D:
0-10V & Resistance dimmable models dim 100-10%. Two extra wires on the output
side (+Purple/-Gray). Compatible with most quality 0-10V wall dimmers. See page 3.
-PD: PWM Dimmable models. Two extra wires on the output side(+Purple/-Gray). Dims
via positive 10% to 100% Duty Cycle, 200Hz to 1KHz, 0-10V Pulse. See page 4.
E332160
Sign Components Manual


Similar Part No. - PLEDDC120W-086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC150W-024 ETC2-PLEDDC150W-024 Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-024-C6250-XX ETC2-PLEDDC150W-024-C6250-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-030 ETC2-PLEDDC150W-030 Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-030-C4900-XX ETC2-PLEDDC150W-030-C4900-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-035 ETC2-PLEDDC150W-035 Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
More results

Similar Description - PLEDDC120W-086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
   Flicker-Free LED Drivers
PLEDDC200W-445-C0450-XX ETC2-PLEDDC200W-445-C0450-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED75W-214-C0350-XX ETC2-PLED75W-214-C0350-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED-150W ETC2-PLED-150W Datasheet
785Kb / 4P
   Flicker-Free LED Drivers
PLED200W-445-C0450-XX ETC2-PLED200W-445-C0450-XX Datasheet
781Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-428-C0350-XX ETC2-PLEDDC150W-428-C0350-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX-HV ETC2-PLED96W-274-C0350-XX-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
   Flicker-Free LED Dr
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com