Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLED150W-214 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLED150W-214
Description  Flicker-Free LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLED150W-214 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLED150W-214 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLED150W-214 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLED150W-214 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLED150W-214 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimensions - IN [mm]
0.236 [6]
0.236 [6]
7.2±0.047 [183±1.2]
7.6 [193]
6.8 [173]
2.7 [68.6]
0.16 [4]
12.0 Min [305 Min]
12.0 Min [305 Min]
2.33 [59.2]
0.39±0.04 [10±1]
0.39±0.04 [10±1]
Tc = 90°C max
INPUT
Black (L)
White (N)
Green/Yellow (G)
Dimming
Purple (Dim+)
Gray (Dim-)
OUPUT
Red (V+)
Blue (V-)
2.24±0.12 [57.0±3]
2.24±0.12 [57.0±3]
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
Dimming Leads: 22 AWG, rated 300 V, 105C.
All wires are stranded with solder dipped ends.
UL Conditions of Acceptability
See website for additional information
40%
Load
Power Factor / Load
60%
80%
100%
40%
Load
THD / Load
60%
80%
100%
120Vac
230Vac
277Vac
120Vac
230Vac
277Vac
0.800
0.825
0.900
0.875
0.850
0.925
0.975
0.950
1.000
0%
15%
10%
5%
25%
20%
30%
Typical Efficiency / Load
75%
70%
80%
85%
90%
100%
95%
Normalized Output Voltage
40%
60%
80%
100%
120Vac
230Vac
277Vac
Safety and EMC Compliance
UL/CUL
UL8750 & CAN/CSA-22.2 No. 250.13-12, UL1012/CSA-C22.2 No.107.1
CE
EN 61347-1, EN61347-2-13
FCC, 47CFR Part 15 Class B
EN 55015
Limits and methods of measurement of radio disturbance characteristics
of electrical lighting and similar equipment.
EN 61000-3-2
Part 3-2: Limits for harmonic current emissions Class C, >80% Rated Power
EN 61000-3-3
Part 3-3: Limitation of voltage changes, voltage fluctuations and flicker.
EN 61000-4-5
Part 4-5: Surge Immunity test, 2 kV L-N, 4 kV L-G & N-G
50
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
85% Load @ 277Vac
55
60
65
70
75
80
85
90
50
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
90% Load @ 277Vac
55
60
65
70
75
80
85
90
50
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
Full Load @ 120Vac
55
60
65
70
75
80
85
90
0
80
120
130
100
20
40
60
70
110
90
10
30
50
140
0
80
120
130
100
20
40
60
70
110
90
10
30
50
140
0
80
120
130
100
20
40
60
70
110
90
10
30
50
140
PLED150W Series
Note:
Life calculations are based on reliability with confidence using
a 90% confidence level and <5% failure rate. At a confidence
level of 90% it is expected that <5% of the parts will fail at
the rated life provided. (Failure is defined as a driver drifting
outside specification, rather than fail to operate)


Similar Part No. - PLED150W-214

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLED150S LITTELFUSE-PLED150S Datasheet
509Kb / 4P
   PLED Ultra Low Holding Current Series
2018 Littelfuse, Inc.
More results

Similar Description - PLED150W-214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-343-C0350-XX ETC2-PLEDDC120W-343-C0350-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
   Flicker-Free LED Drivers
PLEDDC200W-445-C0450-XX ETC2-PLEDDC200W-445-C0450-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED75W-214-C0350-XX ETC2-PLED75W-214-C0350-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED200W-445-C0450-XX ETC2-PLED200W-445-C0450-XX Datasheet
781Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-428-C0350-XX ETC2-PLEDDC150W-428-C0350-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX-HV ETC2-PLED96W-274-C0350-XX-HV Datasheet
810Kb / 4P
   Flicker-free, Hazardous Location LED Drivers
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
   Flicker-Free LED Dr
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com