Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4643EGA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4643EGA
Description  High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4643EGA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4643EGA Datasheet HTML 1Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 2Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 3Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 4Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 5Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 6Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 7Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 8Page - Maxim Integrated Products MAX4643EGA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
High-Speed, Low-Voltage, 4
Ω, Dual SPST
CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.3V, VINH = 2.0V, VINL = 0.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
V+ = 2.7V, ICOM_ =
10mA, VNO_ or
VNC_ = 0 to V+
TA = +25°C
V+ = 2.7V, ICOM_ =
10mA, VNO_ or
VNC_ = 0 to V+
CONDITIONS
68
RON
On-Resistance
V
0V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
TA = TMIN to TMAX
9
TA = +25°C
TA = TMIN to TMAX
0.2
0.6
∆RON
On-Resistance Match
Between Channels
(Notes 2, 8)
0.8
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
V+ = 2.7V, ICOM_ =
10mA, VNO_ or
VNC_ = 0 to V+
TA = TMIN to TMAX
1.5
3.0
RFLAT
On-Resistance Flatness
(Note 3)
3.5
ANALOG SWITCH
%
0.018
RL = 600
Ω, 0.5Vp-p, f = 20Hz to 20kHz
THD
Total Harmonic Distortion
µA
0.001
1.0
V+ = 5.5V, VIN_ = 0 or V+
I+
Positive Supply Current
-77
-56
Crosstalk (Note 7)
VCT
-97
dB
f = 10MHz
f = 1MHz
CL = 5pF, RL = 50
Ω,
Figure 3
f = 10MHz
f = 1MHz
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Break-Before-Make (Note 4)
(MAX4643 only)
tBBM
7
ns
TA = TMIN to TMAX
10
Turn-Off Time (Note 4)
tOFF
58
ns
TA = TMIN to TMAX
TA = +25°C
18
TA = TMIN to TMAX
1
Turn-On Time (Note 4)
tON
915
ns
Charge Injection
Q
2
pC
NO_, NC_ Off-Capacitance
CNO_ (OFF),
CNC_ (OFF)
7
pF
COM_ Off-Capacitance
CCOM_ (OFF)
7
pF
Switch On-Capacitance
C(ON)
18
pF
Off-Isolation (Note 6)
VISO
-80
dB
CONDITIONS
VGEN = 0, RGEN = 0, CL = 1nF, Figure 4
RL = 300
Ω,
CL = 35pF, VNO_ =
VNC_ = 3V, Figure 2
NO_ or NC_ = GND, f = 1MHz, Figure 5
TA = +25°C
RL = 300
Ω, CL =
35pF, VNO_ = VNC_ =
3V, Figure 2
TA = +25°C
f = 1MHz, Figure 5
f = 1MHz, Figure 5
CL = 5pF, RL = 50
Ω,
Figure 3
RL = 300
Ω, CL =
35pF, VNO_ = VNC_ =
3V, Figure 2
DYNAMIC
SUPPLY


Similar Part No. - MAX4643EGA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX464 MAXIM-MAX464 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
MAX4644EUA MAXIM-MAX4644EUA Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
MAX4644EUA+T MAXIM-MAX4644EUA+T Datasheet
113Kb / 10P
   High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
MAX4644EUT+T MAXIM-MAX4644EUT+T Datasheet
113Kb / 10P
   High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
More results

Similar Description - MAX4643EGA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4614 MAXIM-MAX4614 Datasheet
167Kb / 12P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
Rev 0; 7/99
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Analog Devices
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
   Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com