Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLED96W-274-HV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLED96W-274-HV
Description  Flicker-free, Hazardous Location LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLED96W-274-HV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLED96W-274-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers PLED96W-274-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers PLED96W-274-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers PLED96W-274-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
PWM In
Sink
PWM Positive Dimming Typical Circuit
PLED96W-xxx-Cxxxx-PD-HV
PWM (+) Purple
PWM (-) Gray
Parameters
Minimum
Typical
Maximum
Absolute Maximum Voltage Range on PWM Input (Purple Wire)
-2.0V
10V
+15V
Input LOW Level Voltage Range (Purple Wire)
-2.0V
0V
+5.5V
Input HIGH Level Voltage Range (Purple Wire)
+9.0V
10V
15V
Sink Current into PWM Input (Purple Wire)
0mA
1.2mA
PWM Input Signal Frequency
500Hz
1500Hz
PWM Input Signal Positive Duty Cycle
0%
10-90%
100%
Notes:
1. PWM Dimmable version comes with an extra 2 wires +Purple/-Gray on the output side.
2. PWM dimmable version is not intended to dim below 5% @ 0% Duty Cycle, or 10% @ 10% Duty Cycle.
3. PWM dimmable version output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Positive Duty Cycle
Output Current / 1.0 kHz, Positive Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
"-PD" Option: PWM Dimming
PLED96W-HV Series


Similar Part No. - PLED96W-274-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
   Flicker-Free LED Drivers
More results

Similar Description - PLED96W-274-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLEDDC120W-343-C0350-XX ETC2-PLEDDC120W-343-C0350-XX Datasheet
779Kb / 4P
   Flicker-Free LED Drivers
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
   Flicker-Free LED Drivers
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
   Flicker-Free LED Drivers
PLEDDC200W-445-C0450-XX ETC2-PLEDDC200W-445-C0450-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED75W-214-C0350-XX ETC2-PLED75W-214-C0350-XX Datasheet
778Kb / 4P
   Flicker-Free LED Drivers
PLED-150W ETC2-PLED-150W Datasheet
785Kb / 4P
   Flicker-Free LED Drivers
PLED200W-445-C0450-XX ETC2-PLED200W-445-C0450-XX Datasheet
781Kb / 4P
   Flicker-Free LED Drivers
PLEDDC150W-428-C0350-XX ETC2-PLEDDC150W-428-C0350-XX Datasheet
783Kb / 4P
   Flicker-Free LED Drivers
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
   Flicker-Free LED Dr
logo
Mallory Sonalert Produc...
SCH628NR MSPI-SCH628NR Datasheet
56Kb / 1P
   HAZARDOUS LOCATION ALARM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com