Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC-120S045ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRC-120S045ST
Description  120W Switch Mode LED Drivers Constant Current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-120S045ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRC-120S045ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-120S045ST Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-120S045ST Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
TRC-120 Series–Fixed Output and Dimmable
120W Switch Mode LED Drivers
Constant Current
Electrical Specifications
Input Voltage Range:
100 - 277 Nom. Vac (90 - 305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ 75-100% load, 100-277V
Input Current:
1.50 A @ 100 Vac, 0.75 A @ 220Vac
Maximum Power:
120W
THD:
<_ 20% @ 75-100% load, 120-277V
Line Regulation:
± 1%
Load Regulation:
± 3%
Turn-on Time Delay:
120V: 1.2S Typical, 2.0S max
220V: 0.6S Typical, 1.2S max
Output Protection:
Over-Voltage, Over-Current, Over-Temperature,
Output Short Circuit Protection
Environmental Specifications
Minimum Starting Temp: -35ºC
Max Case Temperature:
90ºC (DT models), 88.2ºC (350mA ST), 89.5ºC (all others)
Storage Temperature:
-40ºC to +85ºC
Humidity:
10% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
250,000 Hours @ 80% load, 110Vac, 25ºC ambient
conditions per MIL-HDBK-217F
Lifetime:
67,000 Hours @ 220V, 80% load, Tc=60ºC
Dimming - Product Specifications
Model Number
Output
Current (mA)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
TRC-120S035DT
350
206-343
120
92%
TRC-120S045DT
450
160-266
120
92%
TRC-120S070DT
700
103-171
120
92%
TRC-120S105DT
1050
68-114
120
91%
TRC-120S140DT
1400
52-86
120
91%
TRC-120S175DT
1750
41-68
120
91%
TRC-120S210DT
2100
34-57
120
91%
TRC-120S245DT
2450
29-49
120
91%
TRC-120S280DT
2800
26-43
120
91%
TRC-120S315DT
3150
23-38
120
90%
TRC-120S350DT
3500
20-34
120
90%
TRC-120S420DT
4200
17-28
120
90%
TRC-120S490DT
4900
14-24
120
89%
Typical Efficiency Full load @ 220Vac
E332160
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
TRC-120S035ST
350
206-343
120
92%
TRC-120S045ST
450
160-266
120
92%
TRC-120S070ST
700
103-171
120
92%
TRC-120S105ST
1050
68-114
120
91%
TRC-120S140ST
1400
52-86
120
91%
TRC-120S175ST
1750
41-68
120
91%
TRC-120S210ST
2100
34-57
120
91%
TRC-120S245ST
2450
29-49
120
91%
TRC-120S280ST
2800
26-43
120
91%
TRC-120S315ST
3150
23-38
120
90%
TRC-120S350ST
3500
20-34
120
90%
TRC-120S420ST
4200
17-28
120
90%
TRC-120S490ST
4900
14-24
120
89%
Output current is adjustable at the factory from 50-100%
• Total Power: 120 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• High Efficiency
• High Power Factor with Active Correction
• Output and Lightning Protection
Rev 9-1-15
Safety
Certification
Standard
CUL
UL8750, UL1012, CSA-C22.2 No. 107.1
CE
EN 61347-1, EN61347-2-13
EMC Standard Notes
EN 55015
Conducted emission
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations and flicker
EN 61000-4-2
Electrostatic discharge
EN 61000-4-3
RFE Field Susceptibility test
EN 61000-4-4
Electrical Fast Transient
EN 61000-4-5
Surge Immunity Test, AC Power Line:
line to line 4 kV; line to earth 6 kV
EN 61000-4-6
Conducted Radio Frequency
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity


Similar Part No. - TRC-120S045ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-100S035DT ETC2-TRC-100S035DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S035ST ETC2-TRC-100S035ST Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S045DT ETC2-TRC-100S045DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S045ST ETC2-TRC-100S045ST Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S070DT ETC2-TRC-100S070DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
More results

Similar Description - TRC-120S045ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com