Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC-120S280ST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRC-120S280ST
Description  120W Switch Mode LED Drivers Constant Current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-120S280ST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRC-120S280ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-120S280ST Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-120S280ST Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
Dimming Control Details
Notes:
1. If the dimming function is not used, the dimming leads should be floated.
2. Io is actual output current and Ir is rated current without dimming control.
3. For the driver to operate properly, the load voltage must be maintained above the minimum voltage
threshold (approx. 50% of the max. output voltage for any given model).
4. If the output voltage is maintained above 50% of the maximum output voltage, the dimming control may
be operated over the entire 1-10V range with output current varying from 100% down to practically 10%.
5. The dimming signal is allowed to be less than 1V, however, when it for 0-1V, the output current can
maintain about 10%Ir. When it for 8.5-10V, the output current can maintain about 100%Ir.
6. Do not connect the GND of dimming to the output; otherwise, the LED driver cannot work normally.
Parameters
Minimum
Typical
Maximum
Notes
Vcc
11.8 V
12 V
12.2 V
For 4900mA
14.7 V
15 V
15.3 V
For Other models
10V output source current
0 mA
10 mA
Absolute maximum voltage on the 0-10V input pin
-2 V
12 V
Source current on 0-10V input pin
0 mA
0.5 mA
Value of Rin ( the resistor inside the LED driver which
locate between the 1-10V input and 10V output pin)
19.8 K
20 K
20.2 K
Output Current / Dimming Voltage
0%
20%
40%
60%
80%
100%
02468
10
Vdim (V)
Output Current / Rx
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
Rx (kΩ)
Output Current / Rx
0%
20%
40%
60%
80%
100%
0
6
12
18
24
30
Rx (kΩ)
Option 1 - DC Input
Rin
Rx
Vcc
1-10V Input (Purple)
Dim (Green)
1-10Vdc V
Option 2 - External Resistor
(Vcc=12V)
TRC-120SxxxxDT
TRC-120SxxxxDT
Rin
Vcc
1-10V Input (Purple)
10V Output (Yellow)
Dim (Green)
10V Output (Yellow)
Rin
Rx
Vcc
1-10V Input (Purple)
Dim (Green)
Option 3 - External Resistor
(Vcc=15V)
TRC-120SxxxxDT
10V Output (Yellow)
TRC-120 Series


Similar Part No. - TRC-120S280ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-100S035DT ETC2-TRC-100S035DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S035ST ETC2-TRC-100S035ST Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S045DT ETC2-TRC-100S045DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S045ST ETC2-TRC-100S045ST Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
TRC-100S070DT ETC2-TRC-100S070DT Datasheet
633Kb / 3P
   100W Switch Mode Constant Current LED Drivers,Damp & Wet Location Rated
More results

Similar Description - TRC-120S280ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
   Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
   Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
   Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
   Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
   Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
   Switch Mode LED Drivers Constant Current
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
   Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com