Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4661CWE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4661CWE
Description  2.5W, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4661CWE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4661CWE Datasheet HTML 1Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 2Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 3Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 4Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 5Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 6Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 7Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 8Page - Maxim Integrated Products MAX4661CWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2.5
, Quad, SPST,
CMOS Analog Switches
4
_______________________________________________________________________________________
-5
5
-5
5
-20
20
TA = TMIN to TMAX
V
TA = +25°C
GND
V+
VCOM_, VNO_,
VNC_
Input Voltage Range (Note 3)
IN_ = 0.8V, all others = 2.4V
+4.5
+36.0
IN_ = 2.4V, all others = 0.8V
ICOM_ = 10mA,
VNO_ or VNC_ = 10V
TA = +25°C
TA = +25°C
TA = +25°C
CONDITIONS
Power-Supply Range
VIN = 0 or 5V
VIN = 0 or 5V
-0.5
0.001
0.5
IL
Logic Supply Current
µA
-0.5
0.001
0.5
I+
Positive Supply Current
V
µA
VIN = 0 or 5V
-0.5
0.001
0.5
IGND
Ground Current
µA
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
-5
5
-5
5
-5
5
0.8
VIN_L
Logic Input Voltage Low
0.03
0.4
∆RON
COM_ to NO_ or NC_
On-Resistance Match Between
Channels (Notes 3, 4)
34
RON
COM_ to NO or NC_
On-Resistance
V
2.4
VIN_H
Logic Input Voltage High
-0.5
0.001
0.5
IIN_L
Input Current with Input Voltage
Low
µA
-0.5
0.001
0.5
IIN_H
Input Current with Input Voltage
High
0.1
0.7
RFLAT(ON)
COM_ to NO_ or NC_
On-Resistance Flatness
(Notes 3, 5)
nA
-0.5
0.01
0.5
INO_
INC_
Off-Leakage Current
(NO_ or NC_) (Notes 6, 9)
nA
-0.5
0.01
0.5
ICOM_(OFF)
COM Off-Leakage Current
(Notes 6, 9)
nA
-1
0.01
1
ICOM_(ON)
COM On-Leakage Current
(Notes 6, 9)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICOM_ = 10mA,
VNO_ or = VNC_= 10V
ICOM_ = 10mA; VNO_
or VNC_ = 3V, 6V, 9V
TA = +25°C
VCOM_ = 1V, 10V;
VNO_ or VNC_ = 10V,
1V
VNO_ or VNC_ = 10V,
1V; VCOM_ = 1V, 10V
VCOM_ = 1V ,10V;
VNO_ or VNC_ = 1V,
10V, or floating
TA = +25°C
TA = TMIN to TMAX
5
0.5
TA = TMIN to TMAX
0.8
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
µA
V
ANALOG SWITCH
LOGIC INPUT
POWER SUPPLY


Similar Part No. - MAX4661CWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4661CWE MAXIM-MAX4661CWE Datasheet
165Kb / 12P
   2.5W, Quad, SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4661CWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4662CAE-T MAXIM-MAX4662CAE-T Datasheet
165Kb / 12P
   2.5W, Quad, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com