Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4633EPE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4633EPE
Description  Fault-Protected, High-Voltage, Dual Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4633EPE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4633EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 9Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 10Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 11Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 12Page - Maxim Integrated Products MAX4633EPE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Fault-Protected, High-Voltage,
Dual Analog Switches
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX4631/MAX4632/MAX4633 are fault-protected
analog switches with special operation and construc-
tion. Traditional fault-protected switches are construct-
ed using three series CMOS devices. This combination
produces good fault-protection but fairly high on-resis-
tance when the signals are within 3V of each supply
rail. These series devices are not capable of handling
signals up to the power-supply rails.
These devices differ considerably from traditional fault-
protection switches, with three advantages. First, they
are constructed with two parallel FETs, allowing very low
on-resistance when the switch is on. Second, they allow
signals on the NC_ or NO_ pins that are within or slightly
beyond the supply rails to be passed through the switch
to the COM_ terminal, allowing rail-to-rail signal opera-
tion. Third, when a signal on NC_ or NO_ exceeds the
supply rails by about 50mV (a fault condition), the volt-
age on COM_ is limited to the appropriate polarity sup-
ply voltage. Operation is identical for both fault
polarities. The fault-protection extends to ±25V
(MAX4632) or ±36V (MAX4631/MAX4633) with power
on and ±40V with power off.
The MAX4631/MAX4632/MAX4633 have a parallel N-
channel and P-channel MOSFET switch configuration with
input voltage sensors. The simplified structure is shown
in Figure 1. The parallel N1 and P1 MOSFETs form the
switch element. N3 and P3 are sensor elements to sam-
ple the input voltage and compare it against the power-
supply rails.
During normal operation of a conducting channel, N1
and P1 remain on with a typical 62
Ω on-resistance
between NO_ (or NC_) and COM_. If the input voltage
exceeds either supply rail by about 50mV, the parallel
combination switches (N1, P1) are forced off through
the driver and sensing circuitry. At the same time, the
output (COM_) is clamped to the appropriate supply
rail by the clamp circuitry (N2, P2). Two clamp circuits
limit the output voltage to the supply voltages.
Pin Compatibility
These switches have identical pinouts to common non-
fault-protected CMOS switches (DG401, DG403,
DG405). Exercise care in considering them as direct
replacements in existing printed circuit boards, since
only the NO_ and NC_ pins of each switch are fault pro-
tected.
Normal Operation
Two comparators continuously compare the voltage on
the NO_ (or NC_) pin with V+ and V- supply voltages
(Figure 1). When the signal on NO_ (or NC_) is between
V+ and V-, the switch behaves normally, with FETs N1
and P1 turning on and off in response to NO_ (or NC_)
signals.
For any voltage between the supply rails, the switch is
bidirectional; therefore, COM_ and NO_ (or NC_) are
interchangeable. Only NO_ and NC_ can be exposed
to overvoltages beyond the supply range and within the
specified breakdown limits of the device.
Fault Condition
The MAX4631/MAX4632/MAX4633 protect devices
connected to their outputs (COM_) through their unique
fault-protection circuitry. When the input voltage is
raised 50mV above either supply rail, the internal sense
and comparator circuitry (N3 and N-channel driver or
P3 and P-channel driver) disconnect the output (COM_)
from the input (Figure 1).
If the switch driven above the supply rail has an on
state, the clamp circuitry (N2 or P2) connects the out-
put to the appropriate supply rail. Table 1 summarizes
the switches’ operation under normal and fault conditions.
-15V
-15V
+15V
P-CHANNEL
DRIVER
N-CHANNEL
DRIVER
+15V
N3
P3
INPUT
NC_
or
NO_
N1
CLAMP
OUTPUT COM_
CLAMP
+V (+15V)
-V (-15V)
N2
P2
P1
COMPARATOR
COMPARATOR
SENSE
SWITCH
SENSE
SWITCH
Figure 1. Simplified Internal Structure


Similar Part No. - MAX4633EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4630EPD MAXIM-MAX4630EPD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630ESD MAXIM-MAX4630ESD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630EUD MAXIM-MAX4630EUD Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
More results

Similar Description - MAX4633EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com