Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4652ESE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4652ESE
Description  Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4652ESE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4652ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4652ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Low-Voltage, 4
Ω, Quad, SPST,
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = 4.5V to 5.5V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = 5V, TA = +25°C.)
(Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..................................................................-0.3 to +6V
IN_, COM_, NO_, NC_ to GND (Note 1).......-0.3V to (V+ + 0.3V)
Continuous Current (NO_, NC_, COM_)...........................±50mA
Peak Current (NO_, NC_, COM_, pulsed at 1ms
10% duty cycle)...........................................................±100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QFN (derate 18.5mW/°C above +70°C) .........1481mW
16-Pin TSSOP (derate 5.7mW/°C above +70°C) .........457mW
16-Pin SO (derate 8mW/°C above +70°C)...................640mW
20-Pin QFN (derate 20mW/°C above +70°C) ............1600mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on NO_, NC_, COM_, or IN_ exceeding V+ or GND are clamped by internal diodes. Limit forward current to maximum
current rating.
COM_ to NO_ or NC_
On-Resistance Match Between
Channels (Notes 3, 8)
∆RON
ICOM = 10mA,
VNO_ or VNC_ = 0 to
V+, V+ = 4.5V
0.05
0.2
TA = +25°C
TA = TMIN to TMAX
1
TA = +25°C
TA = TMIN to TMAX
On-Resistance Flatness
(Note 4)
RFLAT(ON)
ICOM = 10mA,
VNO_ or VNC_ = 0 to
V+, V+ = 4.5V
0.5
0.8
-0.2
0.2
TA = +25°C
TA = +25°C
ICOM = 10mA,
VNO_ or VNC_ = 0 to
V+, V+ = 4.5V
TA = TMIN to TMAX
-0.2
0.2
TA = +25°C
CONDITIONS
Off-Leakage Current
(NO_ or NC_) (Note 5)
INO_,
INC_
VCOM = 1V, 4.5V;
VNO_ or VNC_ = 4.5V,
1V; V+ = 5.5V
-0.1
0.01
0.1
nA
TA = TMIN to TMAX
-0.2
0.2
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
VCOM = 1V, 4.5V;
VNO_ or VNC_ = 4.5V,
1V; V+ = 5.5V
-0.1
0.01
0.1
nA
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
V+ = 5.5V, VCOM =
1V, 4.5V; VNO_ or
VNC_ = 1V, 4.5V
or floating
-0.1
0.01
0.1
nA
Input High
VIH
2.4
V
Input Low
VIL
0.8
V
Logic Input Current
IIN
-100
5
100
nA
V
0V+
VCOM_,
VNO_,
VNC_
Input Voltage Range
TA = TMIN to TMAX
2.5
4
TA = +25°C
TA = TMIN to TMAX
4.5
RON
COM_ to NO_ or NC_
On-Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
0.3
ANALOG SWITCH
LOGIC INPUT (IN_)


Similar Part No. - MAX4652ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX465 MAXIM-MAX465 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655 MAXIM-MAX4655 Datasheet
302Kb / 12P
   High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
MAX4655 MAXIM-MAX4655 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4655ESA MAXIM-MAX4655ESA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
More results

Similar Description - MAX4652ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com