Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4665CPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4665CPE
Description  5?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4665CPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4665CPE Datasheet HTML 1Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 2Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4665CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5
, Quad, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
3
TA = TMIN to TMAX
VIN = 0 or 5V
µA
TA = +25°C
-0.5
0.001
0.5
I+
Positive Supply Current
TA = +25°C
f = 1MHz, Figure 6
RL = 50Ω, CL = 5pF, f = 1MHz, Figure 5
TA = TMIN to TMAX
-5
5
RL = 50Ω, CL = 5pF, f = 1MHz, Figure 4
VIN = 0 or 5V
TA = +25°C
TA = +25°C
TA = +25°C
f = 1MHz, Figure 6
CONDITIONS
V
±4.5
±20.0
Power-Supply Range
pF
dB
VCOM = 10V
f = 1MHz, Figure 7
pF
150
CCOM
On-Capacitance
34
CCOM
COM Off-Capacitance
-0.5
0.001
0.5
IL
Logic Supply Current
-0.5
0.001
0.5
I-
Negative Supply Current
pF
34
COFF
NC or NO Capacitance
-60
VCT
Crosstalk (Note 8)
dB
-62
VISO
Off-Isolation (Note 7)
ns
530
Break-Before-Make Time Delay
(MAX4666)
-0.5
0.001
0.5
IGND
Ground Current
ns
130
275
tON
Turn-On Time
ns
90
175
tOFF
Turn-Off Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 0 or 5V
VIN = 0 or 5V
TA = +25°C
Figure 2,
VCOM_ = ±10V
Figure 2,
VCOM_ = ±10V
TA = TMIN to TMAX
-5
5
-5
5
TA = TMIN to TMAX
-5
5
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
µA
µA
µA
CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 3
pC
300
Q
Charge Injection
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
TA = TMIN to TMAX
TA = TMIN to TMAX
400
300


Similar Part No. - MAX4665CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX466 MAXIM-MAX466 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4660ESA MAXIM-MAX4660ESA Datasheet
317Kb / 12P
   High-Current, 25?? SPDT, CMOS Analog Switches
Rev 0; 4/01
MAX4660ESA MAXIM-MAX4660ESA Datasheet
621Kb / 12P
   High-Current, 25廓, SPDT, CMOS Analog Switches
2007
MAX4660EUA MAXIM-MAX4660EUA Datasheet
317Kb / 12P
   High-Current, 25?? SPDT, CMOS Analog Switches
Rev 0; 4/01
MAX4660EUA MAXIM-MAX4660EUA Datasheet
621Kb / 12P
   High-Current, 25廓, SPDT, CMOS Analog Switches
2007
More results

Similar Description - MAX4665CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com