Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4677EPE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4677EPE
Description  2?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4677EPE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4677EPE Datasheet HTML 1Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 2Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4677EPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2
Ω, Quad, SPST, CMOS Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS–Single Supply (continued)
(V+ = +5V ±10%, V- = 0, VL = +2.7V to V+, GND = 0, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Break-Before- Make
Delay
tBBM
MAX4679 only, RL = 300
Ω, CL = 35pF, Figure 3
5
ns
Charge Injection
Q
RGEN = 0, CL = 1nF, VGEN = 0, Figure 4
9
pC
Off-Isolation
VISO
RL = 50
Ω, CL = 5pF, f = 1MHz, Figure 5b
-65
dB
Crosstalk
RL = 50
Ω, CL= 5pF, f = 1MHz, Figure 6b
-84
dB
-3dB Bandwidth
BW
RS = 50
Ω, RL = 50Ω, Figure 7b
63
MHz
NC or NO Off-
Capacitance
C(N_OFF)
f = 1MHz, Figure 8
85
pF
COM Off-Capacitance
C(COMOFF)
f = 1MHz, Figure 8
85
pF
On-Capacitance
C(ON)
f = 1MHz, Figure 8
350
pF
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-5
-1
-3
135
VCOM (V)
ON-RESISTANCE vs. VCOM
(DUAL SUPPLY)
V
± = ±2.5V
V
± = ±3V
V
± = ±4V
V
± = ±5V
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
02
1
345
VCOM (V)
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
V- = 0
V+ = 3V
V+ = 5V
V+ = 9V
V+ = 12V
V+ = 2.5V
V+ = 4V
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
-5
-1
-3
1
3
-4
0
-2
2
4
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
V+ = +5V
V- = -5V
VL = V+
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used
in this data sheet.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature and the highest supply voltage, and
guaranteed by correlation at +25°C.


Similar Part No. - MAX4677EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4677EPE MAXIM-MAX4677EPE Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
More results

Similar Description - MAX4677EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com