Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLUC7670Z4 Datasheet(PDF) 10 Page - International Rectifier

Part # IRHLUC7670Z4
Description  Simple Drive Requirements
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLUC7670Z4 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRHLUC7670Z4 Datasheet HTML 6Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 7Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 8Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 9Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 10Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 11Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 12Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 13Page - International Rectifier IRHLUC7670Z4 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IRHLUC7670Z4, 2N7632UC
Pre-Irradiation
10
www.irf.com
N-Channel
Die 1
Fig 16a. Unclamped Inductive Test Circuit
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
.
VGS
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
4.5V
Fig 17b. Gate Charge Test Circuit
Fig 17a. Basic Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 18a. Switching Time Test Circuit
Fig 18b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-
VDD
VGS


Similar Part No. - IRHLUC7670Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results

Similar Description - IRHLUC7670Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com