Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLUC7970Z4 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHLUC7970Z4
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLUC7970Z4 Datasheet(HTML) 1 Page - International Rectifier

  IRHLUC7970Z4 Datasheet HTML 1Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 2Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 3Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 4Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 5Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 6Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 7Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 8Page - International Rectifier IRHLUC7970Z4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RADIATION HARDENED
LOGIC LEVEL POWER MOSFET
SURFACE MOUNT (LCC-6)
10/11/10
www.irf.com
1
LCC-6
IRHLUC7970Z4
60V, DUAL P-CHANNEL
TECHNOLOGY
™
Features:
n 5V CMOS and TTL Compatible
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n Light Weight
n
Complimentary N-Channel Available -
IRHLUC770Z4
2N7627UC
Product Summary
Part Number
Radiation Level RDS(on)
ID
IRHLUC7970Z4 100K Rads (Si)
1.60
Ω -0.65A
IRHLUC7930Z4 300K Rads (Si)
1.60
Ω -0.65A
For footnotes refer to the last page
Absolute Maximum Ratings (Per Die)
Parameter
Units
ID @ VGS = -4.5V, TC = 25°C Continuous Drain Current
-0.65
ID @ VGS = -4.5V,TC = 100°C Continuous Drain Current
-0.41
IDM
Pulsed Drain Current
À
-2.6
PD @ TC = 25°C
Max. Power Dissipation
1.0
W
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
±10
V
EAS
Single Pulse Avalanche Energy
Á
34
mJ
IAR
Avalanche Current
À
-0.65
A
EAR
Repetitive Avalanche Energy
À
0.1
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
-5.6
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting SurfaceTemp
300 (for 5s)
Weight
0.2 (Typical)
g
°
C
A
Pre-Irradiation
PD-97574
International Rectifier’s R7TM Logic Level Power MOSFETs
provide simple solution to interfacing CMOS and TTL control
circuits to power devices in space and other radiation
environments.The threshold voltage remains within
acceptable operating limits over the full operating
temperature and post radiation.This is achieved while
maintaining single event gate rupture and single event
burnout immunity.
The device is ideal when used to interface directly with most
logic gates, linear IC’s, micro-controllers, and other device
types that operate from a 3.3-5V source. It may also be
used to increase the output current of a PWM, voltage
comparator or an operational amplifier where the logic level
drive signal is available.


Similar Part No. - IRHLUC7970Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results

Similar Description - IRHLUC7970Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com