Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLYS77034CM Datasheet(PDF) 3 Page - International Rectifier

Part # IRHLYS77034CM
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLYS77034CM Datasheet(HTML) 3 Page - International Rectifier

  IRHLYS77034CM_15 Datasheet HTML 1Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 2Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 3Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 4Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 5Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 6Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 7Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 8Page - International Rectifier IRHLYS77034CM_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
Pre-Irradiation
IRHLYS77034CM, 2N7607T3
PRELIMINARY
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Fig a. Typical Single Event Effect, Safe Operating Area
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
Up to 300K Rads (Si)1
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
60
V
VGS = 0V, ID = 250µA
VGS(th)
Gate Threshold Voltage
1.0
2.0
VGS = VDS, ID = 250µA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 10V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -10V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS= 48V, VGS=0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
0.045
VGS = 4.5V, ID = 20A
RDS(on)
Static Drain-to-Source On-state
„
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 20A
Resistance (Low Ohmic TO-257)
0.045
VGS = 4.5V, ID = 20A
1. Part numbers IRHLYS77034, IRHLYS73034
0
10
20
30
40
50
60
70
-7
-6
-5
-4
-3
-2
-1
0
VGS
Kr
Xe
Au
Table 2. Typical Single Event Effect Safe Operating Area
Ion
LET
Energy Range
VDS (V)
(MeV/(mg/cm
2))
(MeV)
(µm)
@VGS= @VGS= @VGS= @VGS= @VGS= @VGS= @VGS= @VGS=
0V
-1V
-2V
-3V
-4V
-5V
-6V
-7V
Kr
37.3
400
48.6
60
60
60
60
60
60
60
35
Xe
63.3
435
38.4
60
60
60
60
60
-
-
-
Au
90
1480
80.4
60
-
-
-
-
-
-
-


Similar Part No. - IRHLYS77034CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLYS77034CM IRF-IRHLYS77034CM Datasheet
200Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA
More results

Similar Description - IRHLYS77034CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com