Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLYS797034CM Datasheet(PDF) 8 Page - International Rectifier

Part # IRHLYS797034CM
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLYS797034CM Datasheet(HTML) 8 Page - International Rectifier

  IRHLYS797034CM Datasheet HTML 1Page - International Rectifier IRHLYS797034CM Datasheet HTML 2Page - International Rectifier IRHLYS797034CM Datasheet HTML 3Page - International Rectifier IRHLYS797034CM Datasheet HTML 4Page - International Rectifier IRHLYS797034CM Datasheet HTML 5Page - International Rectifier IRHLYS797034CM Datasheet HTML 6Page - International Rectifier IRHLYS797034CM Datasheet HTML 7Page - International Rectifier IRHLYS797034CM Datasheet HTML 8Page - International Rectifier IRHLYS797034CM Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRHLYS797034CM, 2N7625T3
Pre-Irradiation
8
www.irf.com
Fig 17b. Gate Charge Test Circuit
Fig 17a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
-4.5V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-12V
Fig 16a. Unclamped Inductive Test Circuit
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
VGS
VDD
+
-
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 18a. Switching Time Test Circuit
VDS
VGS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
Fig 18b. Switching Time Waveforms
VDS
90%
10%
VGS
td(on)
tr
td(off) tf


Similar Part No. - IRHLYS797034CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLYS797034CM IRF-IRHLYS797034CM Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results

Similar Description - IRHLYS797034CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com