Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4684ETB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4684ETB
Description  0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4684ETB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4684ETB Datasheet HTML 1Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 2Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 3Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 4Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 5Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 6Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 7Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 8Page - Maxim Integrated Products MAX4684ETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4684/MAX4685 low on-resistance (RON), low-
voltage, dual single-pole/double-throw (SPDT) analog
switches operate from a single +1.8V to +5.5V supply.
The MAX4684 features a 0.5Ω (max) RON for its NC
switch and a 0.8Ω (max) RON for its NO switch at a
+2.7V supply. The MAX4685 features a 0.8Ω max on-
resistance for both NO and NC switches at a +2.7V
supply.
Both parts feature break-before-make switching action
(2ns) with tON = 50ns and tOFF = 40ns at +3V. The digi-
tal logic inputs are 1.8V logic-compatible with a +2.7V to
+3.3V supply.
The MAX4684/MAX4685 are packaged in the chipscale
package (UCSP)™, significantly reducing the required
PC board area. The chip occupies only a 2.0mm
1.50mm area. The 4 3 array of solder bumps are
spaced with a 0.5mm bump pitch.
________________________Applications
Speaker Headset Switching
MP3 Players
Power Routing
Battery-Operated Equipment
Relay Replacement
Audio and Video Signal Routing
Communications Circuits
PCMCIA Cards
Cellular Phones
Modems
Features
♦ 12-Bump, 0.5mm-Pitch UCSP
♦ NC Switch RON
0.5Ω max (+2.7V Supply) (MAX4684)
0.8Ω max (+2.7V Supply) (MAX4685)
♦ NO Switch RON
0.8Ω max (+2.7V Supply)
♦ RON Match Between Channels
0.06Ω (max)
♦ RON Flatness Over Signal Range
0.15Ω (max)
♦ +1.8V to +5.5V Single-Supply Operation
♦ Rail-to-Rail® Signal Handling
♦ 1.8V Logic Compatibility
♦ Low Crosstalk: -68dB (100kHz)
♦ High Off-Isolation: -64dB (100kHz)
♦ THD: 0.03%
♦ 50nA (max) Supply Current
♦ Low Leakage Currents
1nA (max) at TA = +25°C
0.5/0.8Low-Voltage, Dual SPDT
Analog Switches in UCSP
________________________________________________________________ Maxim Integrated Products
1
19-1977; Rev 3; 2/03
COM2
COM1
NO2
NO1
NC2
IN2
IN1
NC1
GND
V+
TOP VIEW
IN_
0
1
NO_
MAX4684/MAX4685
OFF
ON
NC_
ON
SWITCHES SHOWN FOR LOGIC "0" INPUT
OFF
UCSP
MAX4684/MAX4685
MAX4684/MAX4685
NC2
IN1
GND
NC1
2
3
9
8
COM2
IN2
COM1
NO1
1
10 NO2
V+
4
5
7
6
µMAX
C1
C2
C3
C4
B4
A4
A3
A2
A1
B1
Pin Configurations/Functional Diagrams/Truth Table
UCSP is a trademark of Maxim Integrated Products, Inc.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Continued at end of data sheet.
*UCSP reliability is integrally linked to the user’s assembly
methods, circuit board material, and environment. Refer to the
UCSP Reliability Notice in the UCSP Reliability section of this
data sheet for more information.
Note: Requires special solder temperature profile describing
the Absolute Maximum Ratings section.
Ordering Information
PART
TEMP RANGE
PIN/BUMP-
PACKAGE
TOP
MARK
MAX4684EBC
-40
°C to +85°C
12 UCSP*
AAF
MAX4684ETB
-40
°C to +85°C
10 Thin QFN
(3 3)
AAG
MAX4684EUB
-40
°C to +85°C
10 µMAX
MAX4685EBC
-40
°C to +85°C
12 UCSP*
AAG
MAX4685ETB
-40
°C to +85°C
10 Thin QFN
(3 3)
AAH
MAX4685EUB
-40
°C to +85°C
10 µMAX


Similar Part No. - MAX4684ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4684ETB+T MAXIM-MAX4684ETB+T Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
More results

Similar Description - MAX4684ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4684 MAXIM-MAX4684_V01 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4754 MAXIM-MAX4754_07 Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4717 MAXIM-MAX4717_05 Datasheet
313Kb / 16P
   4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com