Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4691EBE-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4691EBE-T
Description  Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4691EBE-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4691EBE-T Datasheet HTML 4Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 5Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 6Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 9Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 10Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 11Page - Maxim Integrated Products MAX4691EBE-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FREQUENCY RESPONSE
vs.
±5V SUPPLIES
FREQUENCY (MHz)
0.001
100
-140
0
-100
-120
-60
-80
-20
-40
0.01
0.1
1
10
OFF-ISOLATION
CROSSTALK
ON-RESPONSE
FREQUENCY RESPONSE
vs. +3V SUPPLIES
FREQUENCY (MHz)
0.001
100
-140
0
-100
-120
-60
-80
-20
-40
0.01
0.1
1
10
OFF-ISOLATION
CROSSTALK
ON-RESPONSE
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
0.1
0.001
0.01
V+ = +5V
V- = -5V
V+ = +3V
V- = 0
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/
Quad SPDT in UCSP Package
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0.0001
0.001
0.1
0.01
1
10
-40
10
-15
35
60
85
ON-LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +5.5V
V- = -5.5V
0.0001
0.001
0.1
0.01
1
10
-40
10
-15
35
60
85
OFF-LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +5.5V
V- = -5.5V
W, X, Y, Z
W_, X_, Y_, Z_
30
40
35
50
45
60
55
65
-40
10
-15
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE (DUAL SUPPLY)
TEMPERATURE (
°C)
V+ = +5.5V
V- = -5.5V
TURN-ON
TURN-OFF
30
50
40
70
60
80
90
-40
10
-15
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE (SINGLE SUPPLY)
TEMPERATURE (
°C)
V+ = +5.5V
TURN-ON
TURN-OFF
30
130
80
230
180
330
280
380
SUPPLY VOLTAGE V+, V- (V)
±2
±3
±4
±5
±6
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
TURN-ON
TURN-OFF
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
-5
-1
-3
1
3
-4
0
-2
2
4
5
CHARGE INJECTION vs. VW, VX, VY, VZ
VW, VX, VY, VZ (V)
V+ = +5V
V- = -5V
V+ = +5V
V- = 0
V+ = +3V
V- = 0


Similar Part No. - MAX4691EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4691EBE+T MAXIM-MAX4691EBE+T Datasheet
243Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 5; 3/09
MAX4691EBE+T MAXIM-MAX4691EBE+T Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
More results

Similar Description - MAX4691EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4691 MAXIM-MAX4691_09 Datasheet
243Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 5; 3/09
MAX4691 MAXIM-MAX4691_V01 Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
   SPDT/2:1 Mux in SC70
REV. 0
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG884 AD-ADG884 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com