Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4708 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4708
Description  Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4708 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4708 Datasheet HTML 3Page - Maxim Integrated Products MAX4708 Datasheet HTML 4Page - Maxim Integrated Products MAX4708 Datasheet HTML 5Page - Maxim Integrated Products MAX4708 Datasheet HTML 6Page - Maxim Integrated Products MAX4708 Datasheet HTML 7Page - Maxim Integrated Products MAX4708 Datasheet HTML 8Page - Maxim Integrated Products MAX4708 Datasheet HTML 9Page - Maxim Integrated Products MAX4708 Datasheet HTML 10Page - Maxim Integrated Products MAX4708 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Fault-Protected, Single 8-to-1/
Dual 4-to-1 Multiplexers
_______________________________________________________________________________________
7
ON-RESISTANCE vs. VCOM AND TEMPERATURE
(SINGLE SUPPLY)
VCOM (V)
10
8
6
4
2
200
400
600
800
1000
0
012
V+ = +12V
V- = 0V
TA = +70
°C
TA = +25
°C
TA = -40
°C
TA = -55
°C
TA = +85
°C
TA = +125
°C
1000
0.1
-40
-15
10
60
85
LEAKAGE CURRENT vs. TEMPERATURE
1
10
100
TEMPERATURE (
°C)
35
V+ = +15V, V- = -15V,
VCOM = 10V, VNO =
±10V
ICOM_ON
INO_OFF
ICOM_OFF
CHARGE INJECTION vs. VCOM
VCOM (V)
10
5
0
-5
-10
-5
0
5
10
-10
-15
15
DUAL SUPPLIES:
±15V
SINGLE SUPPLY: +12V
ENABLE TURN-ON/OFF TIMES
vs. SUPPLY VOLTAGE (DUAL SUPPLIES)
SUPPLY VOLTAGE (V+, V-)
15
10
5
100
200
300
400
500
0
020
VNO_ =
±10V
tON
tOFF
ENABLE TURN-ON/OFF TIMES
vs. SUPPLY VOLTAGE (SINGLE SUPPLY)
SUPPLY VOLTAGE (V+)
27
18
50
100
150
200
250
300
0
936
V- = GND, VNO_ = +10V
tON
tOFF
ENABLE ON/OFF TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
50
100
150
200
250
300
0
-40
85
V+ = +15V
V- = -15V
tON
tOFF
SUPPLY CURRENT vs. TEMPERATURE
(VA_ = 0)
TEMPERATURE (
°C)
60
35
10
-15
-400
-300
-200
-100
0
100
200
300
400
500
-500
-40
85
V+ = +15V, V- = -15V, VA_ = 0
IGND
I+
I-
SUPPLY CURRENT vs. TEMPERATURE
(VA_ = +5V)
TEMPERATURE (
°C)
60
35
10
-15
-300
-200
-100
0
100
200
300
400
500
600
-400
-40
85
V+ = +15V, V- = -15V, VA_ = +5V
IGND
I+
I-
LOGIC-LEVEL THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
35
30
25
20
15
10
5
1.5
2.0
2.5
3.0
1.0
040
DUAL SUPPLIES
SINGLE SUPPLY
Typical Operating Characteristics (continued)
(V+ = +15V, V- = -15V, VEN = +2.4V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708EPE MAXIM-MAX4708EPE Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708ESE MAXIM-MAX4708ESE Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708EWE MAXIM-MAX4708EWE Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
More results

Similar Description - MAX4708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com