Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1688 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1688
Description  OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1688 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA1688 Datasheet HTML 4Page - Texas Instruments OPA1688 Datasheet HTML 5Page - Texas Instruments OPA1688 Datasheet HTML 6Page - Texas Instruments OPA1688 Datasheet HTML 7Page - Texas Instruments OPA1688 Datasheet HTML 8Page - Texas Instruments OPA1688 Datasheet HTML 9Page - Texas Instruments OPA1688 Datasheet HTML 10Page - Texas Instruments OPA1688 Datasheet HTML 11Page - Texas Instruments OPA1688 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
OPA1688, OPA1689
SBOS724 – SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
At TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
(V–) + 0.35 V < VO < (V+) – 0.35 V, RL = 10 kΩ,
108
130
TA = –40°C to 85°C
AOL
Open-loop voltage gain
dB
(V–) + 0.5 V < VO < (V+) – 0.5 V, RL = 2 kΩ,
118
TA = –40°C to 85°C
OUTPUT
IL = ±1 mA
(V–) + 0.1 V
(V+) – 0.1 V
Voltage output swing
VO
VS = 36 V, RL = 10 kΩ
70
90
mV
from rail
VS = 36 V, RL = 2 kΩ
330
400
Open-loop output
ZO
f = 1 MHz, IO = 0 A
60
Ω
impedance
ISC
Short-circuit current
±75
mA
CLOAD
Capacitive load drive
See the Typical Characteristics
pF
POWER SUPPLY
VS
Specified voltage range
4.5
36
V
IO = 0 A
1.6
1.8
Quiescent current per
IQ
mA
amplifier
IO = 0 A, TA = –40°C to 85°C
2
TEMPERATURE RANGE
Specified range
–40
85
°C
Operating range
–55
125
°C
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA1688 OPA1689


Similar Part No. - OPA1688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688ID TI1-OPA1688ID Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688IDR TI1-OPA1688IDR Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688IDRGR TI1-OPA1688IDRGR Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688IDRGT TI1-OPA1688IDRGT Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA1688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com