Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4653EGP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4653EGP
Description  Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4653EGP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4653EGP Datasheet HTML 4Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 5Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 6Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 7Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 8Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 9Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 10Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 11Page - Maxim Integrated Products MAX4653EGP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Detailed Description
The MAX4651/MAX4652/MAX4653 are low on-resis-
tance, low-voltage analog switches that operate from a
single +1.8V to +5.5V supply. CMOS switch construc-
tion allows processing analog signals that are within the
supply voltage range (GND to V+).
Applications Information
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, followed by the logic
inputs, NO or COM. If power-supply sequencing is not
possible, add two small signal diodes (D1, D2) in series
with the supply pins for overvoltage protection (Figure
1). Adding these diodes reduces the analog signal by
one diode drop below V+ and one diode drop above
GND, but does not affect the devices’ low switch resis-
tance and low leakage characteristics. Device opera-
tion is unchanged, and the difference between V+ and
GND should not exceed 6V.
Although it is not required, power-supply bypassing
improves noise margin and prevents switching noise
from propagating from the V+ supply to other compo-
nents. A 0.1µF capacitor connected from V+ to GND is
adequate for most applications.
Low-Voltage, 4
Ω, Quad, SPST,
CMOS Analog Switches
8
________________________________________________________________________________________
COM_
GND
V+
NO_
* INTERNAL PROTECTION DIODES
D1
V+
MAX4651
MAX4652
MAX4653
*
*
*
*
D2
Figure 1. Overvoltage Protection Using External Blocking
Diodes
TRANSISTOR COUNT: 205
Chip Information


Similar Part No. - MAX4653EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX465 MAXIM-MAX465 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655 MAXIM-MAX4655 Datasheet
302Kb / 12P
   High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
MAX4655 MAXIM-MAX4655 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4655ESA MAXIM-MAX4655ESA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
More results

Similar Description - MAX4653EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com