Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4708ESE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4708ESE
Description  Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4708ESE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4708ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4708ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Fault-Protected, Single 8-to-1/
Dual 4-to-1 Multiplexers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Channel-to-Channel Crosstalk
VCT
f = 1MHz, VNO_ = 1VRMS, RL = 75
Ω,
CL = 15pF, Figure 7 (Note 9)
+25°C
-62
dB
NO_ Off-Capacitance
CN_(OFF)
f = 1MHz, Figure 8
+25°C10
pF
MAX4708
19
COM_ Off-Capacitance
CCOM_(OFF) f = 1MHz, Figure 8
MAX4709
+25°C
14
pF
MAX4708
28
COM_ On-Capacitance
CCOM_(ON)
f = 1MHz, Figure 8
MAX4709
+25°C
22
pF
POWER SUPPLY
Power-Supply Range
V+, V-
E
±4.5
±20.0
V
+25°C
370
525
V+ Supply Current
I+
All VA_= 0 or 5V, VNO_ = 0,
VEN = 5V
E
750
µA
+25°C
200
300
V- Supply Current
I-
All VA_ = 0 or 5V, VNO_ = 0,
VEN = 5V
E
400
µA
+25°C
200
300
GND Supply Current
IGND
All VA_= 0 or 5V, VNO_ = 0,
VEN = 5V
E
500
µA
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = 0, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Fault-Free Analog Signal Range
VNO_
Power on or off (Note 3)
E
-0.3
V+
V
+25°C
630
950
On-Resistance
RON
VCOM_ = 10V, INO_ = 0.2mA
E
1100
+25°C10
35
On-Resistance Match Between
Channels
∆RON
VCOM_ = 10V, INO_ = 0.2mA
(Note 5)
C, E
50
+25°C
-0.5
0.01
+0.5
NO_ Off-Leakage Current
INO_(OFF)
VCOM_ = 10V, 1V, VNO_ = 1V, 10V
(Notes 6, 10)
E
-10
+10
nA
+25°C-2
+2
MAX4708
E
-20
+20
+25°C-1
+1
COM_ Off-Leakage Current
ICOM_(OFF)
VCOM_ = 10V, 1V,
VNO_ = 1V, 10V
(Notes 6, 10)
MAX4709
E
-10
+10
nA


Similar Part No. - MAX4708ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708ESE MAXIM-MAX4708ESE Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
More results

Similar Description - MAX4708ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com