Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX471CSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX471CSA
Description  Precision, High-Side Current-Sense Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX471CSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX471CSA Datasheet HTML 1Page - Maxim Integrated Products MAX471CSA Datasheet HTML 2Page - Maxim Integrated Products MAX471CSA Datasheet HTML 3Page - Maxim Integrated Products MAX471CSA Datasheet HTML 4Page - Maxim Integrated Products MAX471CSA Datasheet HTML 5Page - Maxim Integrated Products MAX471CSA Datasheet HTML 6Page - Maxim Integrated Products MAX471CSA Datasheet HTML 7Page - Maxim Integrated Products MAX471CSA Datasheet HTML 8Page - Maxim Integrated Products MAX471CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, High-Side
Current-Sense Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX471
(RS+ = +3V to +36V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, RS+, RS-, VCC to GND....................-0.3V, +40V
RMS Current, RS+ to RS- (MAX471 only)..........................±3.3A
Peak Current, (RS+ to RS-) ......................................see Figure 5
Differential Input Voltage, RG1 to RG2 (MAX472 only) .....±0.3V
Voltage at Any Pin Except SIGN
MAX471 only ...........................................-0.3V to (RS+ - 0.3V)
MAX472 only ..........................................-0.3V to (VCC + 0.3V)
Voltage at SIGN......................................................-0.3V to +40V
Current into SHDN, GND, OUT, RG1, RG2, VCC................±50mA
Current into SIGN.................................................+10mA, -50mA
Continuous Power Dissipation (TA = +70°C)
MAX471 (Note 1):
Plastic DIP (derate 17.5mW/°C above +70°C) ..................1.4W
SO (derate 9.9mW/°C above +70°C) .............................791mW
MAX472 :
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
SO (derate 5.88mW/°C above +70°C) ...........................471mW
Operating Temperature Ranges
MAX47_C_A ........................................................0°C to +70°C
MAX47_E_A .....................................................-40°C to +85°C
Junction Temperature Range ............................-60°C to +150°C
Storage Temperature Range .............................-60°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VSHDN = 2.4V
ILOAD = 0A, excludes ISIGN
VSHDN = 0V
VSHDN = 2.4V; VCC = 3V to 20V
VSIGN = 0.3V
VSIGN = 36V
ILOAD = 30mA,
RS+ = 10V
MAX471E
MAX471C
ILOAD = 0A,
RS+ = 10V
ILOAD = 1A,
RS+ = 10V
3V
≤ RS+ ≤ 36V, ILOAD = 1A
CONDITIONS
V
0VRS+ - 1.5
VOUT
OUT Output Voltage Range
µA
1.0
IIH
SHDN Input High Current
V
2.4
VIH
SHDN Input High Voltage
µA
1.0
IIL
SHDN Input Low Current
V
0.3
VIL
SHDN Input Low Voltage
µA
1.5
18.0
IRS+(SHDN)
Shutdown Supply Current
mA
0.1
IOL
SIGN Sink Current
µA
1.0
SIGN Output Leakage Current
mA
±4.0
±6.0
SIGN Threshold (ILOAD required
to switch SIGN)
%/V
0.1
PSRR
Power-Supply Rejection Ratio
ARMS
±3
ILOAD
Sense Current
V
50
113
IRS+
336
VRS+
Supply Voltage
Supply Current
µA
±3.0
Low-Level OUT Error
±2.5
µA
3.0
No-Load OUT Error
m
35
70
RSENSE
Sense Resistor
0.490
0.500
0.510
mA/A
0.4875
0.500
0.5125
IOUT/
ILOAD
Current-Sense Ratio
2.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
OUT Output Resistance
ROUT
ILOAD = 3.0A, VOUT = 0V to (VRS+ - 1.5V)
13
M
OUT Rise, Fall Time
tR, tF
ILOAD = 50mA to 3.0A, ROUT = 2kΩ,
COUT = 50pF, 10% to 90%
4
µs
OUT Settling Time to 1%
of Final Value
ts
ILOAD = 100mA to 3.0A, ROUT = 2kΩ,
COUT = 50pF
15
µs
MAX471C
MAX471C
MAX471C
MAX471E
MAX471E
MAX471E
±7.0
µA
Note 1: Due to special packaging considerations, MAX471 (DIP, SO) has a higher power dissipation rating than the MAX472. RS+
and RS- must be soldered to large copper traces to achieve this dissipation rating.


Similar Part No. - MAX471CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711-MAX4713 MAXIM-MAX4711-MAX4713 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX471CSA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
   Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com